Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KGF2701 Datasheet (PDF) - OKI electronic componets

KGF2701 Datasheet PDF - OKI electronic componets
Part # KGF2701
Download  KGF2701 Download
File Size   100.65 Kbytes
Page   7 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Wide-Band Amplifier

KGF2701 Datasheet (PDF)

Go To PDF Page Download Datasheet
KGF2701 Datasheet PDF - OKI electronic componets

Part # KGF2701
Download  KGF2701 Click to download

File Size   100.65 Kbytes
Page   7 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Wide-Band Amplifier

KGF2701 Datasheet (HTML) - OKI electronic componets


KGF2701 Product details

GENERAL DESCRIPTION
The KGF2701, housed in a SMD-type 8-pin ceramic package, is a two-stage amplifier that features flat and high gain over a wide range of frequencies, internal input and output matching, and high output power. The internally matched 50 W input and output eliminate external impedance-matching circuits. The KGF2701 is ideal as a medium-power amplifier in the frequency range of 0.8 GHz to 4 GHz.

FEATURES
• Flat gain property from 0.8 GHz to 4 GHz
• Input and output 50 Ω matched impedance
• Single power supply: 5 V (typ.)
• High linear gain: 16 dB (min.)
• High output power: 14 dBm (min.)
• Low noise: 4.5 dB (typ.)
• Package: 8PFP




Similar Part No. - KGF2701

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
KGF20N05D RENESAS-KGF20N05D Datasheet
546Kb / 10P
N-Channel 5.5V Dual Power MOSFET
Feb 1, 2018
logo
KEC(Korea Electronics)
KGF20N60KDA KEC-KGF20N60KDA Datasheet
1Mb / 8P
High speed switching
KGF20N60PA KEC-KGF20N60PA Datasheet
1Mb / 6P
High speed switching
logo
OKI electronic componet...
KGF2441 OKI-KGF2441 Datasheet
88Kb / 6P
AGC Amplifier
KGF2512 OKI-KGF2512 Datasheet
75Kb / 6P
Midium Power Amplifier for L-band
More results


Similar Description - KGF2701

ManufacturerPart #DatasheetDescription
logo
NEC
UPG100P NEC-UPG100P Datasheet
106Kb / 8P
WIDE BAND AMPLIFIER CHIPS
UPG103B NEC-UPG103B Datasheet
47Kb / 8P
WIDE-BAND AMPLIFIER
logo
NTE Electronics
NTE726 NTE-NTE726 Datasheet
24Kb / 2P
Integrated Circuit Wide Band Amplifier
logo
NXP Semiconductors
NE5204A PHILIPS-NE5204A Datasheet
190Kb / 14P
Wide-band high-frequency amplifier
1992 Feb 25
logo
STMicroelectronics
BFX89 STMICROELECTRONICS-BFX89 Datasheet
96Kb / 4P
WIDE BAND VHF/UHF AMPLIFIER
Nov 1988
logo
Sony Corporation
CXA1777N SONY-CXA1777N Datasheet
129Kb / 7P
WIDE BAND DIFFERENTIAL AMPLIFIER
logo
NEC
UPG100B NEC-UPG100B Datasheet
57Kb / 4P
LOW NOISE WIDE-BAND AMPLIFIER
logo
Toshiba Semiconductor
TA4011FU TOSHIBA-TA4011FU_07 Datasheet
176Kb / 5P
UHF Wide Band Amplifier Applications
logo
Guangdong Kexin Industr...
2SA1575 KEXIN-2SA1575 Datasheet
53Kb / 2P
Wide-Band Amplifier Applications
logo
Advanced Semiconductor ...
AWB459 ASB-AWB459 Datasheet
945Kb / 12P
Wide band MMIC Amplifier
January 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com