Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5523 Datasheet (PDF) - Anpec Electronics Coropration

APL5523 Datasheet PDF - Anpec Electronics Coropration
Part # APL5523
Download  APL5523 Download
File Size   143.37 Kbytes
Page   11 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Dual-Channel, 3.3V/500mA and 1.8V/300mA Linear Regulator

APL5523 Datasheet (PDF)

Go To PDF Page Download Datasheet
APL5523 Datasheet PDF - Anpec Electronics Coropration

Part # APL5523
Download  APL5523 Click to download

File Size   143.37 Kbytes
Page   11 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Dual-Channel, 3.3V/500mA and 1.8V/300mA Linear Regulator

APL5523 Datasheet (HTML) - Anpec Electronics Coropration


APL5523 Product details

General Description
The APL5523 is a dual low dropout regulator with output1 with 3.3V/0.5A and output2 with 1.8V/0.3A output capability. In order to obtain lower dropout voltage and faster transient response, which is critical for low voltage applications, the APL5223 has been optimized. The dropout voltages are guaranteed at 0.6V at 0.5A for output1 and 0.9V at 0.3A for output 2. Current limit is trimmed to ensure specified output current and controlled short-circuit current. On-chip thermal limiting provides protection against any combination of overload that would create excessive junction temperatures. The APL5523 regulator comes in a SOP-8 and SOP-8-P package.

Features
• Fixed Output Voltage :
   VOUT1=3.3V/500mA
   VOUT2=1.8V/300mA
• Low Dropout Voltage (defined as the minimum
   input/output voltage difference):
   Output 1 Dropout Voltage : 0.6V (at 500mA)
   Output 2 Dropout Voltage : 0.9V (at 300mA)
• Stable with 4.7uF Output Capacitor(at VOUT1)
   Stable with 2.2uF Output Capacitor(at VOUT2)
• Built in Thermal Protection
• Built in Current Limit Protection
• Fast transient Response
• Short Setting Time
• SOP-8 and SOP-8-P Package Available

Applications
• Desktop Computer
• Networking Systems
• Optical Data Storage Systems




Similar Part No. - APL5523

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5523KAC-TRG ANPEC-APL5523KAC-TRG Datasheet
253Kb / 13P
Dual-Channel, 3.3V/500mA and 1.8V/300mA Linear Regulator
APL5523KC-TRG ANPEC-APL5523KC-TRG Datasheet
253Kb / 13P
Dual-Channel, 3.3V/500mA and 1.8V/300mA Linear Regulator
APL5523 ANPEC-APL5523_09 Datasheet
253Kb / 13P
Dual-Channel, 3.3V/500mA and 1.8V/300mA Linear Regulator
More results


Similar Description - APL5523

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5231-3 CHERRY-CS5231-3 Datasheet
280Kb / 11P
500mA, 3.3V Linear Regulator with Auxiliary Control
Rev. 3/31/99
logo
Sipex Corporation
SP6231 SIPEX-SP6231 Datasheet
145Kb / 10P
500mA, 3.3V Linear Regulator with Auxiliary Backup
logo
Anpec Electronics Corop...
APL5521 ANPEC-APL5521 Datasheet
81Kb / 9P
Dual-Channel, 3.3V/500mA and 2.5V/300mA Linear Regulator
logo
National Semiconductor ...
LP5996 NSC-LP5996 Datasheet
870Kb / 14P
Dual Linear Regulator with 300mA and 150mA Outputs
logo
Anpec Electronics Corop...
APL5537 ANPEC-APL5537 Datasheet
355Kb / 16P
Dual Channel 300mA Low Dropout Linear Regulator
APL5537 ANPEC-APL5537_11 Datasheet
354Kb / 16P
Dual Channel 300mA Low Dropout Linear Regulator
APL5522 ANPEC-APL5522 Datasheet
193Kb / 12P
Dual-Channel, 3.3V/500mA and 2.5V/500mA Linear Regulator
APL5523 ANPEC-APL5523_09 Datasheet
253Kb / 13P
Dual-Channel, 3.3V/500mA and 1.8V/300mA Linear Regulator
logo
Union Semiconductor, In...
UM4750 UNIONSEMI-UM4750 Datasheet
474Kb / 13P
300mA, Micropower, Dual Channel VLDO Linear Regulator
UM4750 UNIONSEMI-UM4750_15 Datasheet
484Kb / 13P
300mA, Micropower, Dual Channel VLDO Linear Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com