Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV2722 Datasheet (PDF) - List of Unclassifed Manufacturers

AV2722 Datasheet PDF - List of Unclassifed Manufacturers
Part # AV2722
Download  AV2722 Download
File Size   273.16 Kbytes
Page   29 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description AUDIO CODEC WITH HEADPHONE DRIVER AND PROGRAMMABLE SAMPLE RATES

AV2722 Datasheet (PDF)

Go To PDF Page Download Datasheet
AV2722 Datasheet PDF - List of Unclassifed Manufacturers

Part # AV2722
Download  AV2722 Click to download

File Size   273.16 Kbytes
Page   29 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description AUDIO CODEC WITH HEADPHONE DRIVER AND PROGRAMMABLE SAMPLE RATES

AV2722 Datasheet (HTML) - List of Unclassifed Manufacturers


AV2722 Product details

[AVS Technology Inc.]

DESCRIPTION
The AV2722 is a mixed signal CMOS monolithic device which is a low cost audio CODEC designed with a built-in headphone driver. It supports regular audio or USB mode audio and is therefore ideal for portable MP3 audio and speech players and recorders. It can also be used for minidisk, CD-RW machines.

FEATURES
• Complete DAC and ADC Audio CODEC with headphone driver.
• Up to 96kHz input sampling frequencies for ADC/DAC
• Selectable DAC De-emphasis Filter.
• Selectable ADC High Pass Filter
• Programmable Audio Data Interface
• I2S, Normal, Left justified or DSP data for ADC/DAC
• 16,18, 20 and 24-bit input data resolution
• System clock: 64fs, 96fs,128fs, 192fs, 256fs or 384fs
• 250fs and 272fs system clock for USB application
• Master or Slave Clocking mode
• Regular audio or USB mode audio
• 2 or 3-wire software control interface selectable by external pin.
• 2 channel microphone or line inputs
• Programmable power down features to conserve power

GENERAL
• 2.7-volt to 3.6-volt Power Supply range (TBD)
• 28-pin SSOP package

APPLICATIONS
• Low cost, CD-quality consumer audio equipment
• Portable MP3 Players and Recorders




Similar Part No. - AV2722

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
AV200 A-DATA-AV200 Datasheet
1Mb / 2P
Easy to create wireless hotspot
logo
Avic Technology
AV2001 AVICTEK-AV2001 Datasheet
627Kb / 3P
TO-92 Plastic-Encapsulate Transistors
AV2003 AVICTEK-AV2003 Datasheet
108Kb / 6P
LINEAR INTEGRATED CIRCUIT
logo
Infinite Electronics In...
AV200R L-COM-AV200R Datasheet
348Kb / 2P
ADDERLink AV200 Series
AV200R L-COM-AV200R Datasheet
348Kb / 2P
ADDERLink AV200 Series
More results


Similar Description - AV2722

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8731 WOLFSON-WM8731 Datasheet
595Kb / 56P
Portable Internet Audion CODEC with Headphone Driver and Programmable Sample Rates
logo
Cirrus Logic
CS4202 CIRRUS-CS4202 Datasheet
1Mb / 68P
Audio Codec 97 with headphone Amplifier
logo
Texas Instruments
TSC2100 TI-TSC2100 Datasheet
717Kb / 71P
PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
logo
Wolfson Microelectronic...
WM9710 WOLFSON-WM9710 Datasheet
310Kb / 32P
AC97 Audio CODEC and Mixer with Integrated Headphone Driver
WM8731 WOLFSON-WM8731_06 Datasheet
762Kb / 63P
Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
WM8731 WOLFSON-WM8731_09 Datasheet
814Kb / 64P
Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
WM8731SED WOLFSON-WM8731SED_13 Datasheet
786Kb / 65P
Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
logo
Maxim Integrated Produc...
MAX1300AEVKIT MAXIM-MAX1300AEVKIT Datasheet
1Mb / 26P
Various Sample Sizes and Sample Rates
Rev 0; 2/12
MAX11261SYS1 MAXIM-MAX11261SYS1 Datasheet
4Mb / 18P
Various Sample Sizes and Sample Rates
Rev 0; 3/18
MAX11166EVSYS MAXIM-MAX11166EVSYS Datasheet
1Mb / 17P
Various Sample Sizes and Sample Rates
Rev 0; 6/13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com