Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9710 Datasheet (PDF) - Wolfson Microelectronics plc

WM9710 Datasheet PDF - Wolfson Microelectronics plc
Part # WM9710
Download  WM9710 Download
File Size   310.02 Kbytes
Page   32 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description AC97 Audio CODEC and Mixer with Integrated Headphone Driver

WM9710 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM9710 Datasheet PDF - Wolfson Microelectronics plc

Part # WM9710
Download  WM9710 Click to download

File Size   310.02 Kbytes
Page   32 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description AC97 Audio CODEC and Mixer with Integrated Headphone Driver

WM9710 Datasheet (HTML) - Wolfson Microelectronics plc


WM9710 Product details

DESCRIPTION
The WM9710 is a high-quality stereo audio codec with an integrated headphone driver.
The device is compliant with the Intel AC’97 Rev 2.2 specification. It performs full-duplex 18-bit codec functions and supports variable sample rates from 8kHz to 48kHz with high signal to noise ratio. Analogue mixers are included to mix external analogue signals into the playback or record path.

FEATURES
• AC’97 rev2.2 compliant, 18-bit stereo codec
• Integrated headphone driver
• Automatic headset detection and switching (for stereo headphones / mono phone headsets)
• Separately mixed mono output for phone TX path (also includes headphone buffer for mono earpiece)
• Multiple channel input mixer
• Mono inputs for phone RX and PCBEEP signals
• On-chip sample rate conversion, supports rates from 8kHz to 48kHz. DAC and ADC rates are fully independent.
• Optional S/PDIF or I2S digital audio output
• 3V to 5V operation
• Each circuit block can be separately powered on or off
• Leadless 7mm × 7mm × 0.9mm QFN or 48-pin TQFP package

APPLICATIONS
• Personal Digital Assistants and ‘Smartphones’
• WinCE systems




Similar Part No. - WM9710

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM9711 WOLFSON-WM9711 Datasheet
645Kb / 66P
LOW POWER AUDIO CODEC FOR PORTABLE APPLICATIONS
WM9711L WOLFSON-WM9711L Datasheet
607Kb / 65P
Low Power Audio CODEC for Portable Applications
WM9711LGEFL/RV WOLFSON-WM9711LGEFL/RV Datasheet
607Kb / 65P
Low Power Audio CODEC for Portable Applications
WM9711LGEFL/V WOLFSON-WM9711LGEFL/V Datasheet
607Kb / 65P
Low Power Audio CODEC for Portable Applications
WM9711 WOLFSON-WM9711_06 Datasheet
607Kb / 65P
Low Power Audio CODEC for Portable Applications
More results


Similar Description - WM9710

ManufacturerPart #DatasheetDescription
logo
Winbond
W83971D WINBOND-W83971D Datasheet
494Kb / 58P
AC97 AUDIO CODEC
logo
Asahi Kasei Microsystem...
AK4544A AKM-AK4544A Datasheet
381Kb / 35P
AC97 MULTIMEDIA AUDIO CODEC WITH SRC
AK4545 AKM-AK4545 Datasheet
363Kb / 33P
AC97 AUDIO CODEC WITH SRC AND DIT
logo
YAMAHA CORPORATION
YMF752 YAMAHA-YMF752 Datasheet
105Kb / 14P
AC97 Rev2.1 Audio CODEC with SRC
logo
Wolfson Microelectronic...
WM9712L WOLFSON-WM9712L Datasheet
725Kb / 77P
AC97 Audio and Touchpanel CODEC
logo
List of Unclassifed Man...
AV2722 ETC-AV2722 Datasheet
273Kb / 29P
AUDIO CODEC WITH HEADPHONE DRIVER AND PROGRAMMABLE SAMPLE RATES
logo
Texas Instruments
TSC2101 TI-TSC2101_08 Datasheet
1Mb / 95P
AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TLV320AIC28 TI-TLV320AIC28_08 Datasheet
1Mb / 85P
STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29_08 Datasheet
1Mb / 87P
STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29_15 Datasheet
1Mb / 88P
STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com