Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9712L Datasheet (PDF) - Wolfson Microelectronics plc

WM9712L Datasheet PDF - Wolfson Microelectronics plc
Part # WM9712L
Download  WM9712L Download
File Size   725.94 Kbytes
Page   77 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description AC97 Audio and Touchpanel CODEC

WM9712L Datasheet (PDF)

Go To PDF Page Download Datasheet
WM9712L Datasheet PDF - Wolfson Microelectronics plc

Part # WM9712L
Download  WM9712L Click to download

File Size   725.94 Kbytes
Page   77 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description AC97 Audio and Touchpanel CODEC

WM9712L Datasheet (HTML) - Wolfson Microelectronics plc


WM9712L Product details

DESCRIPTION

The WM9712L is a highly integrated input / output device designed for mobile computing and communications. The device can connect directly to a 4-wire or 5-wire touchpanel, mono or stereo microphones, stereo headphones and a mono speaker, reducing total component count in the system. Additionally, phone input and output pins are provided for seamless integration with wireless communication devices.



FEATURES

AC’97 Rev 2.2 compatible stereo CODEC

-  DAC SNR 94dB, THD –87dB

-  ADC SNR 92dB, THD –87dB

-  Variable Rate Audio, supports all WinCE sample rates

-  Tone Control, Bass Boost and 3D Enhancement

On-chip 45mW headphone driver

On-chip 400mW mono speaker driver

Stereo, mono or differential microphone input

-  Automatic Level Control (ALC)

Auxiliary mono DAC (ring tone or DC level generation)

Seamless interface to wireless chipset

Resistive touchpanel interface

-  Supports 4-wire and 5-wire panels

-  12-bit resolution, INL 2 LSBs (<0.5 pixels)

-  X, Y and touch-pressure (Z) measurement

-  Pen-down detection supported in Sleep Mode

Up to 5 GPIO pins

2 comparator inputs for battery monitoring

Up to 4 auxiliary ADC inputs

1.8V to 3.6V supplies

7x7mm QFN



APPLICATIONS

Personal Digital Assistants (PDA)

Smartphones

Handheld and Tablet Computers




Similar Part No. - WM9712L

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM9712L WOLFSON-WM9712L_11 Datasheet
617Kb / 78P
AC??7 Audio and Touchpanel CODEC
More results


Similar Description - WM9712L

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM9703 WOLFSON-WM9703 Datasheet
239Kb / 30P
AC97 Revision 2.1 Audio Codec
WM9708 WOLFSON-WM9708 Datasheet
205Kb / 28P
AC97 Revision 2.1 Audio Codec
logo
Winbond
W83971D WINBOND-W83971D Datasheet
494Kb / 58P
AC97 AUDIO CODEC
logo
Asahi Kasei Microsystem...
AK4545 AKM-AK4545 Datasheet
363Kb / 33P
AC97 AUDIO CODEC WITH SRC AND DIT
logo
Hynix Semiconductor
STAC9704 HYNIX-STAC9704 Datasheet
218Kb / 49P
Multimedia Audio Codec for AC97
logo
Wolfson Microelectronic...
WM9713 WOLFSON-WM9713 Datasheet
1Mb / 111P
AC 97 AUDIO TOUCHPANEL CODEC
WM9713L WOLFSON-WM9713L_06 Datasheet
1Mb / 108P
AC 97 Audio Touchpanel CODEC
WM9715L WOLFSON-WM9715L Datasheet
906Kb / 77P
AC??7 Audio and Touchpanel CODEC
WM9712L WOLFSON-WM9712L_11 Datasheet
617Kb / 78P
AC??7 Audio and Touchpanel CODEC
logo
Cirrus Logic
WM9713L CIRRUS-WM9713L Datasheet
2Mb / 133P
AC??7 Audio and Touchpanel Codec
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com