Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9713 Datasheet (PDF) - Wolfson Microelectronics plc

WM9713 Datasheet PDF - Wolfson Microelectronics plc
Part # WM9713
Download  WM9713 Download
File Size   1085.84 Kbytes
Page   111 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description AC 97 AUDIO TOUCHPANEL CODEC

WM9713 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM9713 Datasheet PDF - Wolfson Microelectronics plc

Part # WM9713
Download  WM9713 Click to download

File Size   1085.84 Kbytes
Page   111 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description AC 97 AUDIO TOUCHPANEL CODEC

WM9713 Datasheet (HTML) - Wolfson Microelectronics plc


WM9713 Product details

DESCRIPTION

The WM9713L is a highly integrated input/output device designed for mobile computing and communications. The chip is architected for dual CODEC operation, supporting Hi-Fi stereo Codec functions via the AC link interface, and additionally supporting voice Codec functions via a PCM type Synchronous Serial Port (SSP). A third, auxiliary DAC is provided which may be used to support generation of supervisory tones, or ring-tones at different sample rates to the main codec.



FEATURES

• AC’97 Rev 2.2 compatible stereo codec

- DAC SNR 94dB, THD –85dB

- ADC SNR 87dB, THD –86dB

- Variable Rate Audio, supports all WinCE sample rates

- Tone Control, Bass Boost and 3D Enhancement

• On-chip 45mW headphone driver

• On-chip 400mW mono or stereo speaker drivers

• Stereo, mono or differential microphone input

- Automatic Level Control (ALC)

- Mic insert and mic button press detection

• Auxiliary mono DAC (ring tone or DC level generation)

• Seamless interface to wireless chipset

• Resistive touchpanel interface

- Supports 4-wire and 5-wire panels

- 12-bit resolution, INL ±2 LSBs (<0.5 pixels)

- X, Y and touch-pressure (Z) measurement

- Pen-down detection supported in Sleep Mode

• Additional PCM/I2S interface to support voice CODEC

• PLL derived audio clocks.

• Supports input clock ranging from 2.048MHz to 78.6MHz

• 1.8V to 3.6V supplies (digital down to 1.62V, speaker up to 4.2V)

• 7x7mm 48-lead QFN package



APPLICATIONS

• Personal Digital Assistants (PDA) with or without phone

• Smartphones

• Handheld and Tablet Computers




Similar Part No. - WM9713

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM9713L WOLFSON-WM9713L Datasheet
1Mb / 108P
AC 97 Audio Touchpanel CODEC
logo
Cirrus Logic
WM9713L CIRRUS-WM9713L Datasheet
2Mb / 133P
AC??7 Audio and Touchpanel Codec
logo
Wolfson Microelectronic...
WM9713LGEFL/RV WOLFSON-WM9713LGEFL/RV Datasheet
1Mb / 108P
AC 97 Audio Touchpanel CODEC
WM9713LGEFL/V WOLFSON-WM9713LGEFL/V Datasheet
1Mb / 108P
AC 97 Audio Touchpanel CODEC
WM9713L WOLFSON-WM9713L_06 Datasheet
1Mb / 108P
AC 97 Audio Touchpanel CODEC
More results


Similar Description - WM9713

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4298 CIRRUS-CS4298 Datasheet
457Kb / 52P
SoundFusion Audio/Modem Codec 97 (AMC 97)
logo
Wolfson Microelectronic...
WM9712L WOLFSON-WM9712L Datasheet
725Kb / 77P
AC97 Audio and Touchpanel CODEC
logo
List of Unclassifed Man...
ES1921 ETC-ES1921 Datasheet
125Kb / 4P
AC 97 Rev 2.1 Audio CODEC
logo
Wolfson Microelectronic...
WM9713L WOLFSON-WM9713L_06 Datasheet
1Mb / 108P
AC 97 Audio Touchpanel CODEC
WM9714L WOLFSON-WM9714L_06 Datasheet
1Mb / 94P
AC 97 Audio CODEC
WM9715L WOLFSON-WM9715L Datasheet
906Kb / 77P
AC??7 Audio and Touchpanel CODEC
logo
Texas Instruments
SN74AVC6T622 TI-SN74AVC6T622 Datasheet
763Kb / 23P
AUDIO CODEC AC 97 VOLTAGE-TRANSLATION TRANSCEIVER
logo
Wolfson Microelectronic...
WM9712L WOLFSON-WM9712L_11 Datasheet
617Kb / 78P
AC??7 Audio and Touchpanel CODEC
logo
Analog Devices
AD1986A AD-AD1986A_15 Datasheet
366Kb / 56P
AC 97 and HD Audio SoundMAX Codec
REV. 0
logo
Cirrus Logic
WM9713L CIRRUS-WM9713L Datasheet
2Mb / 133P
AC??7 Audio and Touchpanel Codec
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com