Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9713 Datasheet(PDF) 5 Page - Wolfson Microelectronics plc

Part # WM9713
Description  AC 97 AUDIO TOUCHPANEL CODEC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713 Datasheet(HTML) 5 Page - Wolfson Microelectronics plc

  WM9713 Datasheet HTML 1Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 2Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 3Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 4Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 5Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 6Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 7Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 8Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 111 page
background image
Preliminary Technical Data
WM9713L
1
PTD, March 2004, Rev 2.2
5
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
DBVDD
Supply
Digital I/O Buffer Supply
2
MCLKA
Digital Input
Master Clock A Input
3
MCLKB / GPIO6 / (ADA / MASK)
Digital In/Out
Master Clock B Input / GPIO6 / (ADA output / MASK input)
4
DGND1
Supply
Digital Ground (return path for both DCVDD and DBVDD)
5
SDATAOUT
Digital Input
Serial Data Output from Controller / Input to WM9713L
6
BITCLK
Digital Output
Serial Interface Clock Output to Controller
7
DGND2
Supply
Digital Ground (return path for both DCVDD and DBVDD)
8
SDATAIN
Digital Output
Serial Data Input to Controller / Output from WM9713L
9
DCVDD
Supply
Digital Core Supply
10
SYNC
Digital Input
Serial Interface Synchronisation Pulse from Controller
11
RESETB / GPIO7 / (PENDOWN)
Digital In / Out
Reset (asynchronous, active Low, resets all registers to their
default) / GPIO7 / (pen down output)
12
WIPER / AUX4 / GPIO8 / (SPDIF) Analogue In / Out
Top Sheet Connection for 5-wire Touchpanels / Auxiliary ADC
input / GPIO8 / (SPDIF digital audio output)
13
TPVDD
Supply
Touchpanel Driver Supply
14
X+/ BR
Analogue Input
Touchpanel Connection: X+ (Right) for 4-wire / bottom right for 5-
wire
15
Y+/TR
Analogue Input
Touchpanel Connection: Y+ (Top) for 4-wire / top right for 5-wire
16
X-/TL
Analogue Input
Touchpanel Connection: X- (Left) for 4-wire / top left for 5-wire
17
Y-/BL
Analogue Input
Touchpanel Connection: Y- (Bottom) for 4-wire / bottom left for 5-
wire
18
TPGND
Supply
Touchpanel Driver Ground
19
PCBEEP
Analogue Input
Line Input to analogue audio mixers, typically used for beeps
20
MONOIN
Analogue Input
Mono Input (RX)
21
MIC1
Analogue Input
Microphone preamp A input 1
22
MICCM
Analogue Input
Microphone common mode input
23
LINEL
Analogue Input
Left Line Input
24
LINER
Analogue Input
Right Line Input
25
AVDD
Supply
Analogue Supply (audio DACs, ADCs, PGAs, mic amps, mixers)
26
AGND
Supply
Analogue Ground
27
VREF
Analogue Output
Internal Reference Voltage (buffered CAP2)
28
MICBIAS
Analogue Output
Bias Voltage for Microphones (buffered CAP2
× 1.8)
29
MIC2A / COMP1 / AUX1
Analogue Input
Microphone preamp A input 2 / COMP1 input / Auxillary ADC input
30
MIC2B / COMP2 / AUX2
Analogue Input
Microphone preamp B input / COMP2 input / Auxillary ADC input
31
MONO
Analog output
Mono output driver (line or headphone)
32
CAP2
Analogue In / Out
Internal Reference Voltage (normally AVDD/2, if not overdriven)
33
OUT4
Analogue Output
Auxillary output driver (speaker, line or headphone)
34
SPKGND
Supply
Speaker ground (feeds output buffers on pins 33, 35, 36 and 37)
35
SPKL
Analogue Output
Left speaker driver (speaker, line or headphone)
36
SPKR
Analogue Output
Right speaker driver (speaker, line or headphone)
37
OUT3
Analogue Output
Auxillary output driver (speaker, line or headphone)
38
SPKVDD
Supply
Speaker supply (feeds output buffers on pins 33, 35, 36 and 37)
39
HPL
Analogue Output
Headphone left driver (line or headphone)
40
HPGND
Supply
Headphone ground (feeds output buffers on pins 39 and 41)
41
HPR
Analogue Output
Headphone right driver (line or headphone)
42
AGND2
Supply
Analogue ground, chip substrate
43
HPVDD
Supply
Headphone supply (feeds output buffers on pins 39 and 41)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com