Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9713 Datasheet(PDF) 58 Page - Wolfson Microelectronics plc

Part # WM9713
Description  AC 97 AUDIO TOUCHPANEL CODEC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713 Datasheet(HTML) 58 Page - Wolfson Microelectronics plc

Back Button WM9713 Datasheet HTML 54Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 55Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 56Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 57Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 58Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 59Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 60Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 61Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 62Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 111 page
background image
WM9713L
Preliminary Technical Data
1
PTD, March 2004, Rev 2.2
58
DIGITAL AUDIO (SPDIF) OUTPUT
The WM9713L supports the SPDIF standard. Pins 48 & 12 can be used to output the SPDIF data.
Note that pins 48 & 12 can also be used as GPIO pins. The GE5 & GE8 bits (register 56h, bit 5 & bit
8) select between GPIO and SPDIF functionality for pins 48 & 12 respectively (see “GPIO and
Interrupt control” section).
Register 3Ah is a read/write register that controls SPDIF functionality and manages bit fields
propagated as channel status (or sub-frame in the V case). With the exception of V, this register
should only be written to when the SPDIF transmitter is disabled (SPDIF bit in register 2Ah is ‘0’).
Once the desired values have been written to this register, the contents should be read back to
ensure that the sample rate in particular is supported, then SPDIF validity bit SPCV in register 2Ah
should be read to ensure the desired configuration is valid. Only then should the SPDIF enable bit in
register 2Ah be set. This ensures that control and status information start up correctly at the
beginning of SPDIF transmission.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
10
SPCV
0
SPDIF validity bit (read-only)
5:4
SPSA
01
SPDIF slot assignment (ADCO = 0)
00: Slots 3, 4
01: Slots 6, 9
10: Slots 7, 8
11: Slots 10, 11
2Ah
Extended
Audio
2
SEN
0
SPDIF output enable
1 = enabled, 0 = disabled
15
V
0
Validity bit; ‘0’ indicates frame valid, ‘1’
indicates frame not valid
14
DRS
0
Indicates that the WM9713L does not support
double rate SPDIF output (read-only)
13:12
SPSR
10
Indicates that the WM9713L only supports
48kHz sampling on the SPDIF output (read-
only)
11
L
0
Generation level; programmed as required by
user
10:4
CC
0000000
Category code; programmed as required by
user
3
PRE
0
Pre-emphasis; ‘0’ indicates no pre-emphasis,
‘1’ indicates 50/15us pre-emphasis
2
COPY
0
Copyright; ‘0’ indicates copyright is not
asserted, ‘1’ indicates copyright
1
AUDIB
0
Non-audio; ‘0’ indicates data is PCM, ‘1’
indicates non-PCM format (e.g. DD or DTS)
3Ah
SPDIF
Control
Register
0
PRO
0
Professional; ‘0’ indicates consumer, ‘1’
indicates professional
5Ch
Additional
Function
Control
4
ADCO
0
Source of SPDIF data
0: SPDIF data comes from SDATAOUT (pin
5), slot selected by SPSA
1: SPDIF data comes from audio ADC
Table 44 SPDIF Output Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com