Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9713 Datasheet(PDF) 52 Page - Wolfson Microelectronics plc

Part # WM9713
Description  AC 97 AUDIO TOUCHPANEL CODEC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713 Datasheet(HTML) 52 Page - Wolfson Microelectronics plc

Back Button WM9713 Datasheet HTML 48Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 49Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 50Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 51Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 52Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 53Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 54Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 55Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 56Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 111 page
background image
WM9713L
Preliminary Technical Data
1
PTD, March 2004, Rev 2.2
52
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
7
MU
1 (Mute)
Mute MONO
1: Mute (OFF)
0: No Mute (ON)
6
ZC
0
Right zero cross enable
0: Change gain immediately
1: Change gain only on zero crossings,
or after time-out
08h
MONO Vol
5:0
MONOVOL
000000
(0dB)
MONO Volume
000000: 0dB (maximum)
000001: -1.5dB
… (1.5dB steps)
011111: -46.5dB
1xxxxx: -46.5dB
Table 34 Mono PGA Control
SPEAKER OUTPUTS – SPKL AND SPKR
The SPKL and SPKR (pins 35 and 36) are designed to drive a loudspeaker load down to 8
Ω and can
also be used as line outputs and headphone outputs. They are designed to drive an 8
Ω load AC
coupled or in a BTL (capless) configuration. The available input sources are HPMIXL/R, SPKMIXL/R,
INV1/2 and Vmid (see Table 35).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
13:11
SPKL
000
(Vmid)
SPKL input source select
000: Vmid
001: no i/p (ZH if buffer disabled)
010: HPMIXL
011: SPKMIX
100: INV1
101-111: unused
1Ch
Output PGA
Mux Select
10:8
SPKR
000
(Vmid)
SPKR input source select
000: Vmid
001: no i/p (ZH if buffer disabled)
010: HPMIXR
011: SPKMIX
100: INV2
101-111: unused
Table 35 SPKL / SPKR PGA Input Source
The signal volume on SPKL and SPKR can be independently adjusted under software control by
writing to register 02h.
When not in use SPKL and SPKR can be powered down using the Powerdown register bits SPKL
and SPKR (register 3Eh, bits [8:7]). To minimise pops and clicks when the PGA is powered down /
up it is recommended that the Vmid input is selected during the power down / up cycle. This ensures
the same DC level is maintained on the output pin throughout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com