Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9713 Datasheet(PDF) 24 Page - Wolfson Microelectronics plc

Part # WM9713
Description  AC 97 AUDIO TOUCHPANEL CODEC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713 Datasheet(HTML) 24 Page - Wolfson Microelectronics plc

Back Button WM9713 Datasheet HTML 20Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 21Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 22Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 23Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 24Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 25Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 26Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 27Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 28Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 111 page
background image
WM9713L
Preliminary Technical Data
1
PTD, March 2004, Rev 2.2
24
The PCM Interface may be configured for Mono mode, where only one channel of ADC data is
output. In this mode the interface should be configured for DSP mode. A short or long frame sync is
supported and the MSB is available on either the 1st (mode B) or 2nd (mode A) rising edge of
VXCLK.
Note that when operating in stereo mode the mono Voice DAC always uses the left channel data as
its input.
PCMFS
PCMCLK
PCMADC/
PCMDAC
n
3
2
1
n-2 n-1
LSB
MSB
1 PCMCLK
Input Word Length (WL)
1/fs
Figure 5 PCM Interface Mono Mode (mode A, FSP=0)
PCMFS
PCMCLK
PCMADC/
PCMDAC
n
3
2
1
n-2 n-1
LSB
MSB
1 PCMCLK
Input Word Length (WL)
1/fs
Figure 6 PCM Interface Mono Mode (mode B, FSP=1)
In DSP mode, the left channel MSB is available on either the 1st (mode B) or 2nd (mode A) rising
edge of PCMCLK (selectable by FSP) following a rising edge of PCMFS. Right channel data
immediately follows left channel data. Depending on word length, PCMCLK frequency and sample
rate, there may be unused PCMCLK cycles between the LSB of the right channel data and the next
sample.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com