Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9713 Datasheet(PDF) 54 Page - Wolfson Microelectronics plc

Part # WM9713
Description  AC 97 AUDIO TOUCHPANEL CODEC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713 Datasheet(HTML) 54 Page - Wolfson Microelectronics plc

Back Button WM9713 Datasheet HTML 50Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 51Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 52Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 53Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 54Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 55Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 56Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 57Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 58Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 111 page
background image
WM9713L
Preliminary Technical Data
1
PTD, March 2004, Rev 2.2
54
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
15
MU4
1 (Mute)
Mute OUT4
1: Mute (OFF)
0: No Mute (ON)
14
ZC4
0
OUT4 zero cross enable
0: Change gain immediately
1: Change gain only on zero crossings,
or after time-out
13:8
OUT4VOL
000000
(0dB)
OUT4 Volume
000000: 0dB (maximum)
000001: -1.5dB
… (1.5dB steps)
011111: -46.5dB
1xxxxx: -46.5dB
7
MU3
1 (Mute)
Mute OUT3
1: Mute (OFF)
0: No Mute (ON)
6
ZC3
0
OUT3 zero cross enable
0: Change gain immediately
1: Change gain only on zero crossings,
or after time-out
06h
Speaker
Volume
5:0
OUT3VOL
00000
(0dB)
OUT3 Volume
Similar to OUT4VOL
Table 38 OUT3 / OUT4 PGA Control
THERMAL SENSOR
The speaker and headphone outputs can drive very large currents. To protect the WM9713L from
becoming too hot, a thermal sensor has been built in. If the chip temperature reaches approximately
150
°C, and the ENT bit is set, the WM9713L deasserts GPIO bit 11 in register 54h, a virtual GPIO
that can be set up to generate an interrupt to the CPU (see “GPIO and Interrupt Control” section).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
3Ch
13
TSHUT
1
Power down thermal sensor
0: Enabled
1: Disabled
54h
11
TI
0
Thermal sensor (virtual GPIO)
1: Temperature below 150
°C
0: Temperature above 150
°C
See also “GPIO and Interrupt Control” section.
Table 39 Thermal Cutout Control
JACK INSERTION AND AUTO-SWITCHING
In a phone application, a BTL ear speaker may be connected across MONO and HPL, a stereo
headphone on HPL and HPR and stereo speakers on SPKL, SPKR, OUT3 and OUT4 (see Figure
15). Typically, only one of these three output devices is used at any given time: when no headphone
is plugged in, the BTL ear speaker or stereo speakers are active, otherwise the headphone is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com