Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9713 Datasheet(PDF) 27 Page - Wolfson Microelectronics plc

Part # WM9713
Description  AC 97 AUDIO TOUCHPANEL CODEC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713 Datasheet(HTML) 27 Page - Wolfson Microelectronics plc

Back Button WM9713 Datasheet HTML 23Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 24Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 25Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 26Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 27Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 28Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 29Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 30Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 31Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 111 page
background image
Preliminary Technical Data
WM9713L
1
PTD, March 2004, Rev 2.2
27
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
11:9
DIV
010
Voice DAC clock to PCMCLK divider. In
master mode PCMCLK is derived from Voice
DAC clock.
000 : PCMCLK = Voice DAC clock
001 : PCMCLK = Voice DAC clock / 2
010 : PCMCLK = Voice DAC clock / 4
011 : PCMCLK = Voice DAC clock / 8
100 : PCMCLK = Voice DAC clock / 16
8
VDACOS
R
1
VXDAC oversample rate:
0: 128 x fs
1: 64 x fs
7
CP
0
PCMCLK polarity
1 = invert PCMCLK polarity
0 = normal PCMCLK polarity
6
FSP
0
Right, Left and I
2S modes – PCMFS polarity
1 = invert PCMFS polarity
0 = normal PCMFS polarity
DSP Mode – mode A/B select
0 = MSB is available on 2nd PCMCLK rising
edge after LRC rising edge (mode A)
1 = MSB is available on 1st PCMCLK rising
edge after LRC rising edge (mode B)
5:4
SEL
10
PCM ADC channel select
00 = Output left and right ADC data
01 = Swap and output left and right ADC data
10 = Output left ADC data only
11 = Output right ADC data only
3:2
WL
00
PCM Data Word Length
11 = 32 bits (see Note)
10 = 24 bits
01 = 20 bits
00 = 16 bits
1:0
FMT
11
PCM Data Format Select
11 = DSP Mode
10 = I
2S Format
01 = Left justified
00 = Right justified
Table 7 PCM Codec Control
Note: Right justified does not support 32-bit data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com