Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9713 Datasheet(PDF) 96 Page - Wolfson Microelectronics plc

Part # WM9713
Description  AC 97 AUDIO TOUCHPANEL CODEC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713 Datasheet(HTML) 96 Page - Wolfson Microelectronics plc

Back Button WM9713 Datasheet HTML 92Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 93Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 94Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 95Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 96Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 97Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 98Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 99Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 100Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 111 page
background image
WM9713L
Preliminary Technical Data
1
PTD, March 2004, Rev 2.2
96
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
15
PD15
1 (OFF)
Touchpanel / PenADC power down
14
VMID1M
1 (OFF)
Disables 1Meg Vmid resistor string
13
TSHUT
1 (OFF)
Disables thermal shutdown
12
VXDAC
1 (OFF)
Disables VXDAC
11
AUXDAC
1 (OFF)
Disables AUXDAC
10
VREF
1 (OFF)
Disables reference generator
9
PLL
1 (OFF)
Disables PLL
7
DACL
1 (OFF)
Disables left DAC
6
DACR
1 (OFF)
Disables right DAC
5
ADCL
1 (OFF)
Disables left ADC
4
ADCR
1 (OFF)
Disables right ADC
3
HPLX
1 (OFF)
Disables left headphone mixer
2
HPRX
1 (OFF)
Disables right headphone mixer
1
SPKX
1 (OFF)
Disables speaker mixer
3Ch
0
MX
1 (OFF)
Disables mono mixer
Power
Management
* “0” corresponds to “ON”, if and only if the corresponding bit in register 26h is also 0.
Register 3Ch is for power management additional to the AC’97 specification. Note that the actual state of each circuit
block depends on both register 3Ch AND register 26h.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
15
MCD
1 (OFF)
Disables microphone current detect
14
MICBIAS
1 (OFF)
Disables microphone bias
13
MONO
1 (OFF)
Disables MONO output PGA
12
OUT4
1 (OFF)
Disables OUT4 output PGA
11
OUT3
1 (OFF)
Disables OUT3 output PGA
10
HPL
1 (OFF)
Disables HPL output PGA
9
HPR
1 (OFF)
Disables HPR output PGA
8
SPKL
1 (OFF)
Disables SPKL output PGA
7
SPKR
1 (OFF)
Disables SPKR output PGA
6
LL
1 (OFF)
Disables LINEL PGA
5
LR
1 (OFF)
Disables LINER PGA
4
MOIN
1 (OFF)
Disables MONOIN PGA
3
MA
1 (OFF)
Disables mic PGA MA
2
MB
1 (OFF)
Disables mic PGA MB
1
MPA
1 (OFF)
Disables mic pre-amp MPA
3Eh
0
MPB
1 (OFF)
Disables mic pre-amp MPB
Power
Management
* “0” corresponds to “ON”, if and only if the corresponding bit in register 26h is also 0.
Register 3Eh is for power management additional to the AC’97 specification. Note that the actual state of each circuit
block depends on both register 3Eh AND register 26h.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
13
3DE
0 (OFF)
Enables 3D enhancement
Audio DACs, 3D Stereo
Enhancement
40h
7
LB
0 (OFF)
Enables loopback (i.e. feed
ADC output data directly into
DAC)
Intel’s AC’97 Component
Specification, Revision 2.2, page 55
Register 40h is a “general purpose” register as defined by the AC’97 specification. Only two bits are implemented in the
WM9713L.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com