Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9713 Datasheet(PDF) 95 Page - Wolfson Microelectronics plc

Part # WM9713
Description  AC 97 AUDIO TOUCHPANEL CODEC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713 Datasheet(HTML) 95 Page - Wolfson Microelectronics plc

Back Button WM9713 Datasheet HTML 91Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 92Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 93Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 94Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 95Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 96Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 97Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 98Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 99Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 111 page
background image
Preliminary Technical Data
WM9713L
1
PTD, March 2004, Rev 2.2
95
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
15
CTRL
0 (GPIO reg)
Specifies how the PCM interface pins are
controlled.
14:13
MODE
10 (master
mode)
PCM interface mode when PCMCTRL=1
12
SWAP
0 (no swap)
PCM data swap
11:9
DIV
010 (1/4)
Voice DAC clock to PCMCLK divider
reserved
7
CP
0 (normal)
PCMCLK polarity
6
FSP
0
right, left and I
2S modes – PCMFS polarity
DSP Mode – mode A/B select
5:4
SEL
00 (LandR
data)
PCM ADC channel select
3:2
WL
10 (24 bits)
PCM Data Word Length
36h
1:0
FMT
10 (I
2S)
PCM Data Format Select
PCM Codec
Register 36h controls the PCM codec.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
15
V
0
Validity bit; ‘0’ indicates frame valid, ‘1’ indicates
frame not valid
14
DRS
0
Indicates that the WM9713L does not support
double rate SPDIF output (read-only)
13:12
SPSR
10
Indicates that the WM9713L only supports 48kHz
sampling on the SPDIF output (read-only)
11
L
0
Generation level; programmed as required by user
10:4
CC
0000000
Category code; programmed as required by user
3
PRE
0
Pre-emphasis; ‘0’ indicates no pre-emphasis, ‘1’
indicates 50/15us pre-emphasis
2
COPY
0
Copyright; ‘0’ indicates copyright is not asserted,
‘1’ indicates copyright
1
AUDIB
0
Non-audio; ‘0’ indicates data is PCM, ‘1’ indicates
non-PCM format (e.g. DD or DTS)
3Ah
0
PRO
0
Professional; ‘0’ indicates consumer, ‘1’ indicates
professional
Digital Audio
(SPDIF)
Output
Register 3Ah controls the SPDIF output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com