Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9713 Datasheet(PDF) 78 Page - Wolfson Microelectronics plc

Part # WM9713
Description  AC 97 AUDIO TOUCHPANEL CODEC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713 Datasheet(HTML) 78 Page - Wolfson Microelectronics plc

Back Button WM9713 Datasheet HTML 74Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 75Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 76Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 77Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 78Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 79Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 80Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 81Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 82Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 111 page
background image
WM9713L
Preliminary Technical Data
1
PTD, March 2004, Rev 2.2
78
Figure 27 GPIO Logic
GPIO
BIT
SLOT
12 BIT
TYPE
PIN NO.
DESCRIPTION
1
5
GPIO Pin
44
GPIO1
2
6
GPIO Pin
45
GPIO2 / IRQ
enabled only when pin not used as IRQ
3
7
GPIO Pin
46
GPIO3 / PENDOWN
enabled only when pin not used as PENDOWN
4
8
GPIO Pin
47
GPIO4 / ADA / MASK
enabled only when pin not used as ADA
5
9
GPIO Pin
48
GPIO5 / SPDIF_OUT
enabled only when pin not used as SPDIF_OUT
6
10
GPIO Pin
3
GPIO6 / ADA / MASK
Enabled only when pin not used as ADA
7
11
GPIO Pin
11
GPIO7 / PENDOWN
enabled only when pin not used as PENDOWN
8
12
GPIO Pin
12
GPIO8 / SPDIF_OUT
enabled only when pin not used as SPDIF_OUT
9
13
Virtual GPIO
-
[MICDET]
Internal microphone bias current detect, generates an interrupt above
a threshold (see MICBIAS Current Detect)
10
14
Virtual GPIO
-
[MICSHT]
Internal shorted microphone detect, generates an interrupt above a
threshold (see MICBIAS Current Detect)
11
15
Virtual GPIO
-
[Thermal Cutout]
Internal thermal cutout signal, indicates when internal temperature
reaches approximately 150
°C (see “Thermal Sensor”)
12
16
virtual GPIO
-
[ADA]
Internal ADA (ADC Data Available) Signal
enabled only when touchpanel ADC is active
13
17
Virtual GPIO
-
[PEN DOWN]
Internal PENDOWN Signal
enabled only when pen-down detection is active
14
18
Virtual GPIO
-
[COMP2]
Internal COMP2 output (Low Battery Alarm)
enabled only when COMP2 is on
15
19
Virtual GPIO
-
[COMP1]
Internal COMP1 output (Dead Battery Alarm)
enabled only when COMP1 is on
Table 60 GPIO Bits and Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com