Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9713 Datasheet(PDF) 42 Page - Wolfson Microelectronics plc

Part # WM9713
Description  AC 97 AUDIO TOUCHPANEL CODEC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713 Datasheet(HTML) 42 Page - Wolfson Microelectronics plc

Back Button WM9713 Datasheet HTML 38Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 39Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 40Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 41Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 42Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 43Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 44Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 45Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 46Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 111 page
background image
WM9713L
Preliminary Technical Data
1
PTD, March 2004, Rev 2.2
42
MIC1
MIC2A
MICCM
MIC2B
Vmid
Vmid
Vmid
22h:11-10
00 = +12dB
11 = +30dB
22h:9-8
00 = +12dB
11 = +30dB
22h:
13-12
MICA
MICB
Figure 12 Microphone Input Circuit
The input pins used for the microphones are MIC1, MICCM, MIC2A and MIC2B. Note that input pins
MIC2A and MIC2B are multi-function inputs and must be configured for use as microphone inputs
when required. This is achieved using MICCMPSEL[1:0] in register 22h (see Table 22). The input to
microphone pre-amp A can be selected from any of the three microphone inputs MIC1, MIC2A and
MIC2B using MPASEL[1:0]. Each pre-amp has independent boost control from +12dB to +30dB in
four steps. This is controlled by MPABST[1:0] and MPBBST[1:0].
When not in use each microphone pre-amp can be powered down using the Powerdown register bits
MPA and MPB (register 3Eh, bits [1:0]). When disabled the inputs are tied to Vmid (for MIC2A and
MIC2B this only applies when they are selected as microphone inputs, otherwise they are left
floating).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
15:14
MICCMPSEL
00
MIC2A and MIC2B pin configuration
00: MIC2A and MIC2B microphone inputs
01: MIC2A only
10: MIC2B only
11: neither
13:12
MPASEL
00
MICA pre-amp input select
00 : MIC1
01 : MIC2A
10 : MIC2B
11 : unused (do not select)
11:10
MPABST
00
MICA pre-amp gain control
00 : +12dB
01 : +18dB
10 : +24dB
11 : +30dB
22h
9:8
MPBBST
00
MICB pre-amp gain control
00 = +12dB
01 = +18dB
10 = +24dB
11 = +30dB
Table 22 Microphone Pre-amp Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com