Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9713 Datasheet(PDF) 55 Page - Wolfson Microelectronics plc

Part # WM9713
Description  AC 97 AUDIO TOUCHPANEL CODEC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713 Datasheet(HTML) 55 Page - Wolfson Microelectronics plc

Back Button WM9713 Datasheet HTML 51Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 52Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 53Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 54Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 55Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 56Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 57Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 58Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 59Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 111 page
background image
Preliminary Technical Data
WM9713L
1
PTD, March 2004, Rev 2.2
55
Figure 15 Typical Output Configuration
The presence of a headphone can be detected using one of GPIO1/6/7/8 (pins 44, 3, 11 & 12) and
an external pull-up resistor (see “Applications Information” section for a circuit diagram). When the
jack is inserted the GPIO is pulled low by a switch on the socket. When the jack is removed the
GPIO is pulled high by a resistor. If the JIEN bit is set, the WM9713L automatically switches between
headphone and any other output configuration, typically ear speaker or stereo speaker that has been
set up in the Powerdown and Output PGA Mux Select registers.
Note: The GPIO polarity can be inverted by setting register 4Eh.
In addition to the typical configuration explained above the WM9713L can also support automatic
switching between the following three configurations set as BTL ear speaker and headphone.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
24h
Output Volume
Mapping (Jack
Insert)
1:0
EARSPKSEL
00
00: Default, no ear speaker
configuration selected.
01: MONO and HPL driver selected as
BTL ear speaker.
10: OUT3 and HPL driver selected as
BTL ear speaker.
11: OUT4 and HPL driver selected as
BTL ear speaker.
Table 40 Ear Speaker Configuration
For example if OUT4 and HPL is selected as the BTL ear speaker, the user should select
EARSPKSEL = 3h, then OUT4 is tri-stated on jack insert to prevent sound across the ear speaker
during headphone operation and HPL volume is set to OUT4 volume on jack out to ensure correct
ear speaker operation. It should be noted that all other outputs except HPL, HPR and selected ear
speaker driver are disabled and internally connected to VREF on jack insert. This maintains VREF at
those outputs and helps prevent pops when the outputs are enabled.
Finally if the user wishes to DC couple the headphone outputs the user needs to select between
OUT3 and OUT4 as the mid-rail output buffer driver. The selected mid-rail output buffer is enabled on
jack insert. On jack out it defaults to whatever configuration has been set up in the Powerdown and
Output PGA Mux Select registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com