Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9713 Datasheet(PDF) 89 Page - Wolfson Microelectronics plc

Part # WM9713
Description  AC 97 AUDIO TOUCHPANEL CODEC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713 Datasheet(HTML) 89 Page - Wolfson Microelectronics plc

Back Button WM9713 Datasheet HTML 85Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 86Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 87Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 88Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 89Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 90Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 91Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 92Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 93Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 111 page
background image
Preliminary Technical Data
WM9713L
1
PTD, March 2004, Rev 2.2
89
REGISTER BITS BY ADDRESS
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
14:10
SE [4:0]
11000
Indicates a codec from Wolfson Microelectronics
9:6
ID9:6
0101
Indicates 18 bits resolution for ADCs and DACs
5
ID5
1
Indicates that the WM9713L supports bass boost
4
ID4
1
Indicates that the WM9713L has a headphone output
3
ID3
0
Indicates that the WM9713L does not support simulated
stereo
2
ID2
1
Indicates that the WM9713L supports bass and treble control
1
ID1
0
Indicates that the WM9713L does not support modem
functions
00h
0
ID0
0
Indicates that the WM9713L does not have a dedicated
microphone ADC
Intel’s AC’97
Component
Specification,
Revision 2.2,
page 50
Register 00h is a read-only register. Writing any value to this register resets all registers to their default, but does not
change the contents of reg. 00h. Reading the register reveals information about the codec to the driver, as required by the
AC’97 Specification, Revision 2.2
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
15
MUL
1 (mute)
Mutes SPKL
14
ZCL
0 (OFF)
Enables zero-cross detector on SPKL
13:8
SPKLVOL
000000 (0dB)
SPKL volume
7
MUR
1 (mute)
Mutes SPKR
7
ZCR
0 (OFF)
Enables zero-cross detector on SPKR
02h
5:0
SPKRVOL
000000 (0dB)
SPKR volume
Analogue
Audio Outputs
Register 02h controls the output pins SPKL and SPKR.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
15
MUL
1 (mute)
Mutes HPL
14
ZCL
0 (OFF)
Enables zero-cross detector on HPL
13:8
HPL VOL
000000 (0dB)
HPL volume
7
MUR
1 (mute)
Mutes HPR
6
ZCR
0 (OFF)
Enables zero-cross detector on HPR
04h
5:0
HPR VOL
000000 (0dB)
HPR volume
Analogue
Audio Outputs
Register 04h controls the headphone output pins, HPL and HPR.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
15
MU4
1 (mute)
Mutes OUT4
14
ZC4
0 (OFF)
Enables zero-cross detector
13:8
OUT4VOL
000000 (0dB)
OUT4 volume
7
MU3
1 (mute)
Mutes OUT3
6
ZC3
0 (OFF)
Enables zero-cross detector
06h
5:0
OUT3VOL
000000 (0dB)
OUT3 volume
Analogue
Audio Outputs
Register 06h controls the analogue output pins OUT3 and OUT4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com