Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9713 Datasheet(PDF) 53 Page - Wolfson Microelectronics plc

Part # WM9713
Description  AC 97 AUDIO TOUCHPANEL CODEC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713 Datasheet(HTML) 53 Page - Wolfson Microelectronics plc

Back Button WM9713 Datasheet HTML 49Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 50Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 51Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 52Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 53Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 54Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 55Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 56Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 57Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 111 page
background image
Preliminary Technical Data
WM9713L
1
PTD, March 2004, Rev 2.2
53
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
15
MUL
1 (Mute)
Mute SPKL
1: Mute (OFF)
0: No Mute (ON)
14
ZCL
0
Left zero cross enable
0: Change gain immediately
1: Change gain only on zero crossings,
or after time-out
13:8
SPKLVOL
000000
(0dB)
SPKL Volume
000000: 0dB (maximum)
000001: -1.5dB
… (1.5dB steps)
011111: -46.5dB
1xxxxx: -46.5dB
7
MUR
1 (Mute)
Mute SPKR
1: Mute (OFF)
0: No Mute (ON)
6
ZCR
0
Right zero cross enable
0: Change gain immediately
1: Change gain only on zero crossings,
or after time-out
02h
Speaker
Volume
5:0
SPKRVOL
00000
(0dB)
SPKR Volume
Similar to SPKLVOL
Table 36 SPKL / SPKR PGA Control
Note:
1.
For BTL speaker drive, it is recommended that both PGAs have the same gain setting.
AUXILLARY OUTPUTS – OUT3 AND OUT4
The OUT3 and OUT4 outputs (pins 37 and 33) are designed to drive a loudspeaker load down to 8
Ω
and can also be used as line outputs and headphone outputs. They are designed to drive an 8
Ω load
AC coupled or in a BTL (capless) configuration and can be used as a midrail buffer to drive the
headphone outputs in a capless DC configuration. The available input sources are INV1/2 and Vmid
(see Table 37).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
3:2
OUT3
00 (Vmid)
OUT3 input source select
00: Vmid
01: no i/p (ZH if buffer disabled)
10: INV1
11: unused
1Ch
Output PGA
Mux Select
1:0
OUT4
00 (Vmid)
OUT4 input source select
00: Vmid
01: no i/p (ZH if buffer disabled)
10: INV2
11: unused
Table 37 OUT3 / OUT4 PGA Input Source
The signal volume on OUT3 and OUT4 can be independently adjusted under software control by
writing to register 06h.
When not in use OUT3 and OUT4 can be powered down using the Powerdown register bits OUT3
and OUT4 (register 3Eh, bits [11:12]). To minimise pops and clicks when the PGA is powered down /
up it is recommended that the Vmid input is selected during the power down / up cycle. This ensures
the same DC level is maintained on the output pin throughout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com