Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9713 Datasheet(PDF) 66 Page - Wolfson Microelectronics plc

Part # WM9713
Description  AC 97 AUDIO TOUCHPANEL CODEC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713 Datasheet(HTML) 66 Page - Wolfson Microelectronics plc

Back Button WM9713 Datasheet HTML 62Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 63Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 64Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 65Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 66Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 67Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 68Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 69Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 70Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 111 page
background image
WM9713L
Preliminary Technical Data
1
PTD, March 2004, Rev 2.2
66
MEASUREMENT TYPES
The ADCSEL control bits determine which type of measurement is performed (see below).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
9
POLL
0
Writing “1” initiates a measurement.
(when CTC is not set)
8
CTC
0
0: Polling mode
1: Continuous mode (for DMA)
7
ADCSEL_AUX4
0
Enable COMP1/AUX4 measurement
(pin32)
6
ADCSEL_AUX3
0
Enable COMP1/AUX3 measurement
(pin31)
5
ADCSEL_AUX2
0
Enable COMP1/AUX2 measurement
(pin30)
4
ADCSEL_AUX1
0
Enable COMP1/AUX1 measurement
(pin29)
3
ADCSEL_PRESSURE
0
Enable touchpanel pressure
measurement
2
ADCSEL_Y
0
Enable touchpanel Y co-ord
measurement
1
ADCSEL_X
0
Enable touchpanel X co-ord
measurement
74h
0
COO
0
Enable co-ordinate mode
0: Single measurement.
A single measurement is made
depending on the setting of
ADCSEL[7:1].
1: Co-ordinate measurement.
X, then Y, followed by an additional
measurement indicated by ADCSEL[7:1].
If more than one ADCSEL[7:1] bit is
selected then the third, additional,
measurement will alternate sequentially
between those selected.
Table 48 Touchpanel Digitiser Control (Measurement Types)
When COO is ‘0’, the WM9713L performs a single measurement – either in polling mode or
continuously, as indicated by the CTC bit.
The type of measurement is specified by the
ADCSEL[7:1] bits. If CTC=0 (polling mode) then only one of the ADCSEL[7:1] bits should be set.
If operating in continuous mode (CTC=1), then more than one ADCSEL[7:1] bit may be set and
selected
conversions
will
be
performed
cyclically
in
the
following
order
=>
“X,Y,PRESSURE,AUX1,AUX2,AUX3,AUX4…”
The co-ordinate mode (COO = ‘1’) makes it easier to obtain co-ordinate pairs rather than single co-
ordinates. In polling-coordinate mode (CTC = ‘0’, COO = ‘1’), the WM9713L performs an X co-
ordinate, then a Y co-ordinate, followed by a single additional measurement determined by
ADCSEL[7:1], then stops. In continuous-coordinate mode (CTC = ‘1’, COO = ‘1’), the WM9713L
continuously repeats a sequence consisting of an X-co-ordinate,Y co-ordinate, then an additional
measurement determined by ADCSEL[7:1] (if ADCSEL = 000_0000, the sequence is XYXYXY…
only). Should more than one of the ADCSEL[7:1] bits be set during continuous co-ordinate mode
then the additional measurement alternates for every set of three measurements. For example if
ADCSEL_AUX1 and ADCSEL_AUX3 were both selected whilst CTC = ‘1’, COO = ‘1’ then the
following sequence of conversions would be performed
=>
“X,Y,AUX1,X,Y,AUX3,X,Y,AUX1,X,Y,AUX3…”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com