Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9711 Datasheet (PDF) - Wolfson Microelectronics plc

WM9711 Datasheet PDF - Wolfson Microelectronics plc
Part # WM9711
Download  WM9711 Download
File Size   645.37 Kbytes
Page   66 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description LOW POWER AUDIO CODEC FOR PORTABLE APPLICATIONS

WM9711 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM9711 Datasheet PDF - Wolfson Microelectronics plc

Part # WM9711
Download  WM9711 Click to download

File Size   645.37 Kbytes
Page   66 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description LOW POWER AUDIO CODEC FOR PORTABLE APPLICATIONS

WM9711 Datasheet (HTML) - Wolfson Microelectronics plc


WM9711 Product details

DESCRIPTION
The WM9711L is a highly integrated input / output device designed for mobile computing and communications. The device can connect directly to mono or stereo microphones, stereo headphones and a mono speaker, reducing total component count in the system. Additionally, phone input and output pins are provided for seamless integration with wireless communication devices.

FEATURES
• AC’97 Rev 2.2 compatible stereo codec
    - DAC SNR 94dB, THD –87dB
    - ADC SNR 92dB, THD –87dB
    - Variable Rate Audio, supports all WinCE sample rates
    - Tone Control, Bass Boost and 3D Enhancement
• On-chip 45mW headphone driver
• On-chip 400mW mono speaker driver
• Stereo, mono or differential microphone input
    - Automatic Level Control (ALC)
• Auxiliary mono DAC (ring tone or DC level generation)
• Seamless interface to wireless chipset
• Up to 5 GPIO pins
• 2 comparator inputs for battery monitoring
• 1.8V to 3.6V supplies
• 7x7mm QFN or 48-pin TQFP package options

APPLICATIONS
• Personal Digital Assistants (PDA)
• Smartphones
• Handheld and Tablet Computers




Similar Part No. - WM9711

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM9711L WOLFSON-WM9711L Datasheet
607Kb / 65P
Low Power Audio CODEC for Portable Applications
WM9711LGEFL/RV WOLFSON-WM9711LGEFL/RV Datasheet
607Kb / 65P
Low Power Audio CODEC for Portable Applications
WM9711LGEFL/V WOLFSON-WM9711LGEFL/V Datasheet
607Kb / 65P
Low Power Audio CODEC for Portable Applications
WM9711 WOLFSON-WM9711_06 Datasheet
607Kb / 65P
Low Power Audio CODEC for Portable Applications
More results


Similar Description - WM9711

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8750L WOLFSON-WM8750L_05 Datasheet
757Kb / 62P
Stereo CODEC for Portable Audio Applications
WM8971L WOLFSON-WM8971L_05 Datasheet
763Kb / 61P
Stereo CODEC for Portable Audio Applications
WM8973 WOLFSON-WM8973_05 Datasheet
754Kb / 61P
Stereo CODEC for Portable Audio Applications
WM9711 WOLFSON-WM9711_06 Datasheet
607Kb / 65P
Low Power Audio CODEC for Portable Applications
WM8750L WOLFSON-WM8750L_12 Datasheet
733Kb / 65P
Stereo CODEC for Portable Audio Applications
WM8904 WOLFSON-WM8904 Datasheet
1Mb / 188P
Ultra Low Power CODEC for Portable Audio Applications
WM8903 WOLFSON-WM8903 Datasheet
1Mb / 178P
Ultra Low Power CODEC for Portable Audio Applications
logo
Texas Instruments
TWL6041 TI1-TWL6041_14 Datasheet
684Kb / 12P
8-Channel Low-Power Audio Codec for Portable Applications
logo
Wolfson Microelectronic...
WM8750 WOLFSON-WM8750 Datasheet
773Kb / 60P
Stereo CODEC for Portable Audio Applications
logo
Cirrus Logic
WM8904 CIRRUS-WM8904 Datasheet
3Mb / 184P
Ultra Low-Power Codec for Portable Audio Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com