Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9711 Datasheet(PDF) 5 Page - Wolfson Microelectronics plc

Part # WM9711
Description  LOW POWER AUDIO CODEC FOR PORTABLE APPLICATIONS
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9711 Datasheet(HTML) 5 Page - Wolfson Microelectronics plc

  WM9711 Datasheet HTML 1Page - Wolfson Microelectronics plc WM9711 Datasheet HTML 2Page - Wolfson Microelectronics plc WM9711 Datasheet HTML 3Page - Wolfson Microelectronics plc WM9711 Datasheet HTML 4Page - Wolfson Microelectronics plc WM9711 Datasheet HTML 5Page - Wolfson Microelectronics plc WM9711 Datasheet HTML 6Page - Wolfson Microelectronics plc WM9711 Datasheet HTML 7Page - Wolfson Microelectronics plc WM9711 Datasheet HTML 8Page - Wolfson Microelectronics plc WM9711 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 66 page
background image
Production Data
WM9711L
w
PD Rev 4.1 April 2004
5
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
DBVDD
Supply
Digital I/O Buffer Supply
2
XTLIN
Digital Input
Clock Crystal Connection 1 / External Clock Input
3
XTLOUT
Digital Output
Clock Crystal Connection 2
4
DGND1
Supply
Digital Ground (return path for both DCVDD and DBVDD)
5
SDATAOUT
Digital Input
Serial Data Output from Controller / Input to WM9711L
6
BITCLK
Digital Output
Serial Interface Clock Output to Controller
7
DGND2
Supply
Digital Ground (return path for both DCVDD and DBVDD)
8
SDATAIN
Digital Output
Serial Data Input to Controller / Output from WM9711L
9
DCVDD
Supply
Digital Core Supply
10
SYNC
Digital Input
Serial Interface Synchronisation Pulse from Controller
11
RESETB
Digital Input
Reset (Active Low, resets all registers to their default)
12
CREF
Analogue Input
Reference for analogue comparators (COMP1,2,3)
13
AVDD2
Supply
Connect to AVDD
14
NC
No Connect
Leave this pin floating
15
NC
No Connect
Leave this pin floating
16
NC
No Connect
Leave this pin floating
17
NC
No Connect
Leave this pin floating
18
AGND1
Supply
Connect to AGND
19
PCBEEP
Analogue Input
Line Input to analogue audio mixers, typically used for beeps
20
PHONE
Analogue Input
Phone Input (RX)
21
MIC1
Analogue Input
Left Microphone Input
22
MIC2
Analogue Input
Right Microphone Input
23
LINEINL
Analogue Input
Left Line Input
24
LINEINR
Analogue Input
Right Line Input
25
AVDD
Supply
Analogue Supply (feeds audio DACs, ADCs, PGAs, mic boost,
mixers)
26
AGND
Supply
Analogue Ground
27
VREF
Analogue Output
Internal Reference Voltage (buffered CAP2)
28
MICBIAS
Analogue Output
Bias Voltage for Microphones (buffered CAP2
× 1.8)
29
COMP1
Analogue Input
Comparator Input 1
30
COMP2
Analogue Input
Comparator Input 2
31
COMP3
Analogue Input
Comparator Input 3
32
CAP2
Analogue In / Out
Internal Reference Voltage (normally AVDD/2, if not overdriven)
33
MONOOUT
Analogue Output
Mono Output, intended for Phone TX signal
34
SPKGND
Supply
Speaker Ground (feeds output buffers on pins 35 and 36)
35
LOUT2
Analogue Output
Left Output 2 (Speaker, Line or Headphone)
36
ROUT2
Analogue Output
Right Output 2 (Speaker, Line or Headphone)
37
OUT3
Analogue Output
Analogue Output 3 (from AUXDAC or headphone pseudo-ground)
38
SPKVDD
Supply
Speaker Supply (feeds output buffers on pins 35 and 36)
39
HPOUTL
Analogue Output
Headphone Left Output
40
HPGND
Supply
Headphone Ground (feeds output buffers on pins 37, 39, 41)
41
HPOUTR
Analogue Output
Headphone Left Output
42
AGND2
Supply
Chip Substrate, connect to AGND
43
HPVDD
Digital In / Out
Headphone Supply (feeds output buffers on pins 37, 39, 41)
44
GPIO1
Digital In / Out
GPIO Pin 1
45
GPIO2 / IRQ
Digital In / Out
GPIO Pin 2 or IRQ (Interrupt Request) Output
46
GPIO3
Digital In / Out
GPIO Pin 3
47
GPIO4
Digital In / Out
GPIO Pin 4 (On reset, pin level configures device power up status.
See Applications section for external components configuration)
48
GPIO5 / SPDIF_OUT
Digital In / Out
GPIO Pin 5 or SPDIF Digital Audio Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com