Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9711 Datasheet(PDF) 38 Page - Wolfson Microelectronics plc

Part # WM9711
Description  LOW POWER AUDIO CODEC FOR PORTABLE APPLICATIONS
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9711 Datasheet(HTML) 38 Page - Wolfson Microelectronics plc

Back Button WM9711 Datasheet HTML 34Page - Wolfson Microelectronics plc WM9711 Datasheet HTML 35Page - Wolfson Microelectronics plc WM9711 Datasheet HTML 36Page - Wolfson Microelectronics plc WM9711 Datasheet HTML 37Page - Wolfson Microelectronics plc WM9711 Datasheet HTML 38Page - Wolfson Microelectronics plc WM9711 Datasheet HTML 39Page - Wolfson Microelectronics plc WM9711 Datasheet HTML 40Page - Wolfson Microelectronics plc WM9711 Datasheet HTML 41Page - Wolfson Microelectronics plc WM9711 Datasheet HTML 42Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 66 page
background image
WM9711L
Production Data
w
PD Rev 4.1 April 2004
38
COMP2 DELAY FUNCTION
COMP2 has an optional delay function for use when the input signal is noisy. When COMP2 triggers
and the delay is enabled (i.e. COMP2DEL is non-zero), then GPIO bit 14 does not change state
immediately, and no interrupt is generated. Instead, the WM9711L starts a delay timer and checks
COMP2 again after the delay time has passed. If COMP2 is still active, then the GPIO bit is set and
an interrupt may be generated (depending on the state of the GW14 bit). If COMP2 is no longer
active, the GPIO bit is not set, i.e. all register bits are as if COMP2 had never triggered.
Note: If COMP2 triggers while the WM9711L is in sleep mode, and the delay is enabled, then the
device starts the on-chip crystal oscillator in order to count the time delay.
COMP2
TRIGGERS
START TIMER
COMP2?
WAIT
time=COMP2DEL
SHUT DOWN
TIMER
Inactive
Active
SET GI14
END
END
[FALSE ALARM]
COMP2
DEL?
non-zero
C2W?
0
END
1
000
Figure 5 COMP2 Delay Flow Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com