Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9711 Datasheet(PDF) 44 Page - Wolfson Microelectronics plc

Part # WM9711
Description  LOW POWER AUDIO CODEC FOR PORTABLE APPLICATIONS
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9711 Datasheet(HTML) 44 Page - Wolfson Microelectronics plc

Back Button WM9711 Datasheet HTML 40Page - Wolfson Microelectronics plc WM9711 Datasheet HTML 41Page - Wolfson Microelectronics plc WM9711 Datasheet HTML 42Page - Wolfson Microelectronics plc WM9711 Datasheet HTML 43Page - Wolfson Microelectronics plc WM9711 Datasheet HTML 44Page - Wolfson Microelectronics plc WM9711 Datasheet HTML 45Page - Wolfson Microelectronics plc WM9711 Datasheet HTML 46Page - Wolfson Microelectronics plc WM9711 Datasheet HTML 47Page - Wolfson Microelectronics plc WM9711 Datasheet HTML 48Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 66 page
background image
WM9711L
Production Data
w
PD Rev 4.1 April 2004
44
Table 32 Extended Power Down Register (Additional to AC’97 Rev 2.2)
Note:
*When disabling a PGA, always ensure that it is muted first.
ADDITIONAL POWER MANAGEMENT:
•
AUXDAC: see “Auxiliary DAC” section. AUXDAC is OFF by default.
SLEEP MODE
Whenever the PR4 bit (reg. 26h) is set, the AC-Link interface is disabled, and the WM9711L is in
sleep mode. There is in fact a very large number of different sleep modes, depending on the other
control bits. For example, the low-power standby mode described below is a sleep mode. It is
desirable to use sleep modes whenever possible, as this will save power. The following functions do
not require a clock and can therefore operate in sleep mode:
•
Analogue-to-analogue audio (DACs and ADCs unused), e.g. phone call mode
•
GPIO and interrupts
•
Battery alarm / analogue comparators
The WM9711L can awake from sleep mode as a result of
•
A warm reset on the AC-Link (according to the AC’97 specification)
•
A signal on a GPIO pin (if the pin is configured as an input, with wake-up enabled – see
“GPIO and Interrupt Control” section)
•
A virtual GPIO event such as battery alarm, thermal sensor, etc. (see “GPIO and
Interrupt Control” section)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
15
PD15
0 (ON)
Disables Crystal Oscillator
14
PD14
0 (ON)
Disables left audio DAC
13
PD13
0 (ON)
Disables right audio DAC
12
PD12
0 (ON)
Disables left audio ADC
11
PD11
0 (ON)
Disables right audio ADC
10
PD10
0 (ON)
Disables MICBIAS
9
PD9
0 (ON)
Disables left headphone mixer
8
PD8
0 (ON)
Disables right headphone mixer
7
PD7
0 (ON)
Disables speaker mixer
6
PD6
0 (ON)
Disables MONO_OUT buffer (pin 33) and phone
mixer
5
PD5
0 (ON)
Disables OUT3 buffer (pin 37)
4
PD4
0 (ON)
Disables headphone buffers (HPOUTL/R)
3
PD3
0 (ON)
Disables speaker outputs (LOUT2, ROUT2)
2
PD2
0 (ON)
Disables Line Input PGA (left and right) *
1
PD1
0 (ON)
Disables Phone Input PGA *
24h
Additional
power down
control
0
PD0
0 (ON)
Disables Mic Input PGA (left and right) *
Note: When analogue inputs or outputs are disabled, they are internally connected to VREF
through a large resistor (VREF=AVDD/2 except in OFF mode, when VREF itself is disabled). This
maintains the potential at that node and helps to eliminate pops when the pins are re-enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com