Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7093 Datasheet (PDF) - Anpec Electronics Coropration

APW7093 Datasheet PDF - Anpec Electronics Coropration
Part # APW7093
Download  APW7093 Download
File Size   728.44 Kbytes
Page   20 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 3A, 1MHz, Step Down DC/DC Regulator

APW7093 Datasheet (PDF)

Go To PDF Page Download Datasheet
APW7093 Datasheet PDF - Anpec Electronics Coropration

Part # APW7093
Download  APW7093 Click to download

File Size   728.44 Kbytes
Page   20 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 3A, 1MHz, Step Down DC/DC Regulator

APW7093 Datasheet (HTML) - Anpec Electronics Coropration


APW7093 Product details

General Description
The APW7093 is a reversible energy flow, constantoff-time, pulse-width modulated (PWM), step-down DC-DC converter. It is ideal for use in notebook and sub-notebook computers that require 1.1V to 5V active termination power supplies. This device features an internal PMOS power switch and internal synchronous rectifier for high efficiency and reduced component count. The internal 90mW PMOS power switch and 60mWNMOS synchronous-rectifier switch easily deliver continuous load currents up to 3A. The APW7093 accurately tracks an external reference voltage, produces an adjustable output from 1.1V to VIN, and achieves efficiencies as high as 94%.

Features
• Source/Sink 3A
• Up to 1MHz Switches Frequency
• Up to 94% Efficiency
• Internal PMOS/NMOS Switches
    - 70mΩ/40mΩ On-Resistance at VIN = 4.5V
    - 90mΩ/60mΩ On-Resistance at VIN = 3V
• ±1% Output Accuracy
• 1.1V to VIN Adjustable Output Voltage
• 3V to +5.5V Input Voltage Range
• <1μA Shutdown Supply Current
• Programmable Constant-Off-Time Operation
• Thermal Shutdown
• Adjustable Soft-Start Inrush Current Limiting
• Output Short-Circuit Protection
• Lead Free Available (RoHS Compliant)

Applications
• Motherboard
• Graphics Cards
• Cable or DSL Modems, Set Top Boxes
• DSP Supplies
• Memory Supplies
• 5V Input DC-DC Regulators
• Distributed Power Supplies




Similar Part No. - APW7093

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7095 ANPEC-APW7095 Datasheet
780Kb / 23P
6-Channel DC/DC Converter Control IC
APW7095 ANPEC-APW7095 Datasheet
436Kb / 23P
6-Channel DC/DC Converter Control IC
APW7095A ANPEC-APW7095A Datasheet
436Kb / 23P
6-Channel DC/DC Converter Control IC
APW7095AQBE-TY ANPEC-APW7095AQBE-TY Datasheet
780Kb / 23P
6-Channel DC/DC Converter Control IC
APW7095AQBE-TYL ANPEC-APW7095AQBE-TYL Datasheet
780Kb / 23P
6-Channel DC/DC Converter Control IC
More results


Similar Description - APW7093

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1154 ANALOGICTECH-AAT1154_06 Datasheet
562Kb / 16P
1MHz 3A Step-Down DC/DC Converter
AAT1154 ANALOGICTECH-AAT1154_07 Datasheet
449Kb / 16P
1MHz 3A Step-Down DC/DC Converter
logo
Global Mixed-mode Techn...
G5656 GMT-G5656 Datasheet
171Kb / 2P
3A Step-down DC/DC
G5719C GMT-G5719C Datasheet
81Kb / 1P
1MHz, 3A Synchronous Step-Down Regulator
G5719B GMT-G5719B Datasheet
73Kb / 1P
1MHz, 3A Synchronous Step-Down Regulator
G5764 GMT-G5764 Datasheet
81Kb / 1P
3A Step-down DC/DC
G5753 GMT-G5753 Datasheet
90Kb / 1P
3A Step-down DC/DC
logo
Feeling Technology Corp...
FP6173 FEELING-FP6173 Datasheet
380Kb / 13P
1MHz, 3A Synchronous Step-Down Regulator
logo
AiT Semiconductor Inc.
A7542 AITSEMI-A7542 Datasheet
456Kb / 9P
DC-DC CONVERTER(BOOST) 1MHz, 3A STEP UP REGULATOR
REV2.0
logo
Diodes Incorporated
AP3441 DIODES-AP3441_V01 Datasheet
776Kb / 13P
1MHZ, 3A STEP-DOWN DC-DC BUCK CONVERTER
Rev. 3 - 2 September 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com