Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7095 Datasheet (PDF) - Anpec Electronics Coropration

APW7095 Datasheet PDF - Anpec Electronics Coropration
Part # APW7095
Download  APW7095 Download
File Size   780.01 Kbytes
Page   23 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 6-Channel DC/DC Converter Control IC

APW7095 Datasheet (PDF)

Go To PDF Page Download Datasheet
APW7095 Datasheet PDF - Anpec Electronics Coropration

Part # APW7095
Download  APW7095 Click to download

File Size   780.01 Kbytes
Page   23 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 6-Channel DC/DC Converter Control IC

APW7095 Datasheet (HTML) - Anpec Electronics Coropration


APW7095 Product details

General Description

The APW7095/A is a 6-channel, frequency-settable, voltage-mode, DC/DC control IC providing a complete power supply solution for high-performance portable digital cameras. The APW7095/A uses pulse-width-modulation (PWM) and synchronous rectification for high efficiency step-up, step-down, up-down, and inverting converters with free input and output settings in 2 or 4-cell AA, 1-cell lithium-ion (Li+), and dual-battery designs. The APW7095/A incorporates error amplifiers, output short-circuit detection, under-voltage lockout, soft-start, and output switch control into a chip. The AP7095/A improves performance, component count, and size compared to conventional multi-channel controllers.



Features

· Supports for Synchronous Rectification (CH1, CH2, and CH5)

· Supports for Down or Up-Down Zeta Conversions (CH1 and APW7095 CH2)

· Supports for Up, Flyback, or Up-Down SEPIC Conversions (APW7095A CH2, CH3, APW7095 CH4, CH5, and CH6)

· Supports for Inverting Conversion (APW7095A CH4)

· Low Start-up Voltage : 1.4V (CH6)

· Power Supply Voltage Range

- CH1 to CH5 : 3.0V to 6.5V

- CH6 : 2.4V to 6.5V

· 1% Reference Voltage Accuracy

· Wide Operating Frequency 100kHz to 1MHz

· Soft-Start Function (CH1 to 6)

· Power Good (PGOOD) Indicator for CH1

· Low Shutdown Current

· Output Short-Circuit Detections

· Lead Free and Green Devices Available (RoHS Compliant)



Applications

· Digital Camera

· Camcorder

· Hand-Held Instrument




Similar Part No. - APW7095

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7095 ANPEC-APW7095 Datasheet
436Kb / 23P
6-Channel DC/DC Converter Control IC
APW7095A ANPEC-APW7095A Datasheet
436Kb / 23P
6-Channel DC/DC Converter Control IC
APW7095 ANPEC-APW7095_08 Datasheet
436Kb / 23P
6-Channel DC/DC Converter Control IC
More results


Similar Description - APW7095

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1933 NEC-UPC1933 Datasheet
119Kb / 5P
DC-DC CONVERTER CONTROL IC
UPC1934 NEC-UPC1934 Datasheet
140Kb / 20P
DC-DC CONVERTER CONTROL IC
UPC1935 NEC-UPC1935 Datasheet
185Kb / 28P
DC-DC CONVERTER CONTROL IC
logo
New Japan Radio
NJM2360 NJRC-NJM2360 Datasheet
272Kb / 9P
DC/DC CONVERTER CONTROL IC
logo
List of Unclassifed Man...
HPW7095 ETC1-HPW7095 Datasheet
350Kb / 23P
6-Channel DC/DC Converter Control IC
logo
Aimtron Technology
AT1393 AIMTRON-AT1393 Datasheet
724Kb / 22P
6-Channel DC-DC Converter IC for DSC
logo
Anpec Electronics Corop...
APW7095 ANPEC-APW7095_08 Datasheet
436Kb / 23P
6-Channel DC/DC Converter Control IC
logo
Renesas Technology Corp
PD16907 RENESAS-PD16907_15 Datasheet
411Kb / 24P
6-CHANNEL DC-DC CONVERTER CONTROLER IC
logo
SHENZHEN FUMAN ELECTRON...
SC34073 FUMAN-SC34073 Datasheet
137Kb / 2P
Step-down DC-DC converter control IC
TC34053 FUMAN-TC34053 Datasheet
120Kb / 2P
Step-down DC-DC converter control IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com