Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1934 Datasheet (PDF) - NEC

UPC1934 Datasheet PDF - NEC
Part # UPC1934
Download  UPC1934 Download
File Size   140.07 Kbytes
Page   20 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description DC-DC CONVERTER CONTROL IC

UPC1934 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC1934 Datasheet PDF - NEC

Part # UPC1934
Download  UPC1934 Click to download

File Size   140.07 Kbytes
Page   20 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description DC-DC CONVERTER CONTROL IC

UPC1934 Datasheet (HTML) - NEC


UPC1934 Product details

DESCRIPTION
The µ PC1934 is an IC that controls a low-voltage input DC-DC converter. This IC is suitable for an operation with 3-V, 3.3-V input or a lithium ion secondary battery input, because the minimum operation supply voltage is 2.5 V. Because of its wide operating voltage range, it can also be used to control DC-DC converters that use an AC adapter for input.

FEATURES
• Low supply voltage: 2.5 V (MIN.)
• Operating voltage range: 2.5 to 20 V (breakdown voltage: 30 V)
• Timer latch circuit for short-circuit protection.
• Ceramic capacitor with low capacitance (0.1 µ F) can be used for short-circuit protection.
• Open drain outputs (Each of the outputs can be used to control a step-down converter, a step-up converter and an inverted converter.)
• Can control two output channels.




Similar Part No. - UPC1934

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC1934 RENESAS-UPC1934 Datasheet
360Kb / 22P
BiCMOS INTEGRATED CIRCUIT
1998
UPC1934GR-1JG RENESAS-UPC1934GR-1JG Datasheet
360Kb / 22P
BiCMOS INTEGRATED CIRCUIT
1998
UPC1934GR-PJG RENESAS-UPC1934GR-PJG Datasheet
360Kb / 22P
BiCMOS INTEGRATED CIRCUIT
1998
More results


Similar Description - UPC1934

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1933 NEC-UPC1933 Datasheet
119Kb / 5P
DC-DC CONVERTER CONTROL IC
UPC1935 NEC-UPC1935 Datasheet
185Kb / 28P
DC-DC CONVERTER CONTROL IC
logo
New Japan Radio
NJM2360 NJRC-NJM2360 Datasheet
272Kb / 9P
DC/DC CONVERTER CONTROL IC
NJM2340 NJRC-NJM2340 Datasheet
125Kb / 6P
HIGH PRECISION DC/DC CONVERTER CONTROL IC
logo
Rohm
BM1P061FJ-E ROHM-BM1P061FJ-E Datasheet
1Mb / 21P
PWM Control type DC/DC converter IC
logo
Anpec Electronics Corop...
APW7095 ANPEC-APW7095_08 Datasheet
436Kb / 23P
6-Channel DC/DC Converter Control IC
logo
SHENZHEN FUMAN ELECTRON...
SC34073 FUMAN-SC34073 Datasheet
137Kb / 2P
Step-down DC-DC converter control IC
TC34053 FUMAN-TC34053 Datasheet
120Kb / 2P
Step-down DC-DC converter control IC
TC34083 FUMAN-TC34083 Datasheet
153Kb / 3P
Step-down DC-DC converter control IC
TC34093 FUMAN-TC34093 Datasheet
155Kb / 3P
Step-down DC-DC converter control IC
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com