Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1934 Datasheet (PDF) - Renesas Technology Corp

UPC1934 Datasheet PDF - Renesas Technology Corp
Part # UPC1934
Download  UPC1934 Download
File Size   360.25 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description BiCMOS INTEGRATED CIRCUIT

UPC1934 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC1934 Datasheet PDF - Renesas Technology Corp

Part # UPC1934
Download  UPC1934 Click to download

File Size   360.25 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description BiCMOS INTEGRATED CIRCUIT

UPC1934 Datasheet (HTML) - Renesas Technology Corp


UPC1934 Product details

FEATURES
· Low supply voltage: 2.5 V (MIN.)
· Operating voltage range: 2.5 to 20 V (breakdown voltage: 30 V)
· Timer latch circuit for short-circuit protection.
· Ceramic capacitor with low capacitance (0.1 m F) can be used for short-circuit protection.
· Open drain outputs (Each of the outputs can be used to control a step-down converter, a step-up converter and an
inverted converter.)
· Can control two output channels.




Similar Part No. - UPC1934

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1934 NEC-UPC1934 Datasheet
140Kb / 20P
DC-DC CONVERTER CONTROL IC
UPC1934GR-1JG NEC-UPC1934GR-1JG Datasheet
140Kb / 20P
DC-DC CONVERTER CONTROL IC
UPC1934GR-PJG NEC-UPC1934GR-PJG Datasheet
140Kb / 20P
DC-DC CONVERTER CONTROL IC
More results


Similar Description - UPC1934

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC3250T7L RENESAS-UPC3250T7L Datasheet
303Kb / 18P
SiGe CMOS/BiCMOS Integrated Circuit
PC2807 RENESAS-PC2807_15 Datasheet
183Kb / 10P
BiCMOS INTEGRATED CIRCUIT
logo
Toshiba Semiconductor
TB9044AFNG TOSHIBA-TB9044AFNG Datasheet
740Kb / 42P
TOSHIBA BiCMOS Integrated Circuit Silicon Monolithic
2019-12-10
logo
Renesas Technology Corp
UPC1933 RENESAS-UPC1933 Datasheet
341Kb / 22P
BiCMOS INTEGRATED CIRCUIT
1998
UPC1935 RENESAS-UPC1935 Datasheet
352Kb / 30P
BiCMOS INTEGRATED CIRCUIT
1998
UPC2807 RENESAS-UPC2807 Datasheet
183Kb / 10P
BiCMOS INTEGRATED CIRCUIT
2000
UPC2807H RENESAS-UPC2807H Datasheet
210Kb / 10P
BiCMOS INTEGRATED CIRCUIT
2002
UPC2918 RENESAS-UPC2918 Datasheet
403Kb / 10P
BiCMOS INTEGRATED CIRCUIT
2002
UPD3140GS RENESAS-UPD3140GS Datasheet
507Kb / 20P
BiCMOS INTEGRATED CIRCUIT
1996
UPD5740T6N RENESAS-UPD5740T6N Datasheet
403Kb / 22P
SiGe BiCMOS INTEGRATED CIRCUIT
2009
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com