Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD5740T6N Datasheet (PDF) - Renesas Technology Corp

UPD5740T6N Datasheet PDF - Renesas Technology Corp
Part # UPD5740T6N
Download  UPD5740T6N Download
File Size   403.96 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SiGe BiCMOS INTEGRATED CIRCUIT

UPD5740T6N Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD5740T6N Datasheet PDF - Renesas Technology Corp

Part # UPD5740T6N
Download  UPD5740T6N Click to download

File Size   403.96 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SiGe BiCMOS INTEGRATED CIRCUIT

UPD5740T6N Datasheet (HTML) - Renesas Technology Corp


UPD5740T6N Product details

FEATURES
• Low voltage operation : VCC = 2.3 to 3.3 V (2.8 V TYP.)
• Low mode control voltage : Vcont (H) = 1.0 V to VCC, Vcont (L) = 0 to 0.5 V
• Low current consumption : ICC1 = 5.0 mA TYP. @ VCC = 2.8 V (LNA-mode)
: ICC2 = 1 μA MAX. @ VCC = 2.8 V (Bypass-mode)
• Low noise (LNA-mode) : NF1 = 1.5 dB TYP. @ VCC = 2.8 V, f = 470 MHz
: NF2 = 1.5 dB TYP. @ VCC = 2.8 V, f = 770 MHz
• High gain (LNA-mode) : GP1 = 15.0 dB TYP. @ VCC = 2.8 V, f = 470 MHz
: GP2 = 13.5 dB TYP. @ VCC = 2.8 V, f = 770 MHz
• Low insertion loss (Bypass-mode) : Lins1 = 1.1 dB TYP. @ VCC = 2.8 V, f = 470 MHz
: Lins2 = 1.3 dB TYP. @ VCC = 2.8 V, f = 770 MHz
• High-density surface mounting : 6-pin plastic TSON (T6N) package (1.5 × 1.5 × 0.37 mm)
• Included protection circuits for ESD




Similar Part No. - UPD5740T6N

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD5741T6J RENESAS-UPD5741T6J Datasheet
201Kb / 9P
MOS ANALOG INTEGRATED CIRCUIT
2008
UPD5741T6J-E4 RENESAS-UPD5741T6J-E4 Datasheet
201Kb / 9P
MOS ANALOG INTEGRATED CIRCUIT
2008
UPD5741T6J-E4-A RENESAS-UPD5741T6J-E4-A Datasheet
201Kb / 9P
MOS ANALOG INTEGRATED CIRCUIT
2008
UPD5742T6J RENESAS-UPD5742T6J Datasheet
200Kb / 9P
MOS ANALOG INTEGRATED CIRCUIT
2009
UPD5742T6J-E4 RENESAS-UPD5742T6J-E4 Datasheet
200Kb / 9P
MOS ANALOG INTEGRATED CIRCUIT
2009
More results


Similar Description - UPD5740T6N

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC3250T7L RENESAS-UPC3250T7L Datasheet
303Kb / 18P
SiGe CMOS/BiCMOS Integrated Circuit
UPD5756T6N RENESAS-UPD5756T6N Datasheet
294Kb / 17P
SiGe BiCMOS Integrated Circuit Wide Band LNA IC with Through Function
PC2807 RENESAS-PC2807_15 Datasheet
183Kb / 10P
BiCMOS INTEGRATED CIRCUIT
UPC1933 RENESAS-UPC1933 Datasheet
341Kb / 22P
BiCMOS INTEGRATED CIRCUIT
1998
UPC1934 RENESAS-UPC1934 Datasheet
360Kb / 22P
BiCMOS INTEGRATED CIRCUIT
1998
UPC1935 RENESAS-UPC1935 Datasheet
352Kb / 30P
BiCMOS INTEGRATED CIRCUIT
1998
UPC2807 RENESAS-UPC2807 Datasheet
183Kb / 10P
BiCMOS INTEGRATED CIRCUIT
2000
UPC2807H RENESAS-UPC2807H Datasheet
210Kb / 10P
BiCMOS INTEGRATED CIRCUIT
2002
UPC2918 RENESAS-UPC2918 Datasheet
403Kb / 10P
BiCMOS INTEGRATED CIRCUIT
2002
UPD3140GS RENESAS-UPD3140GS Datasheet
507Kb / 20P
BiCMOS INTEGRATED CIRCUIT
1996
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com