Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD5742T6J Datasheet (PDF) - Renesas Technology Corp

UPD5742T6J Datasheet PDF - Renesas Technology Corp
Part # UPD5742T6J
Download  UPD5742T6J Download
File Size   200.56 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS ANALOG INTEGRATED CIRCUIT

UPD5742T6J Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD5742T6J Datasheet PDF - Renesas Technology Corp

Part # UPD5742T6J
Download  UPD5742T6J Click to download

File Size   200.56 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS ANALOG INTEGRATED CIRCUIT

UPD5742T6J Datasheet (HTML) - Renesas Technology Corp


UPD5742T6J Product details

FEATURES
• Low Noise : NV = −98 dBV TYP. @ VDD = 2 V, Cin = 3 pF, RL = 2.2 kΩ
: NV = −99 dBV TYP. @ VDD = 2 V, Cin = 5 pF, RL = 2.2 kΩ
• High Gain : GV = +9.0 dB TYP. @ VDD = 2 V, Cin = 3 pF, RL = 2.2 kΩ
: GV = +11.0 dB TYP. @ VDD = 2 V, Cin = 5 pF, RL = 2.2 kΩ
• Low Consumption Current : IDD = 370 μA TYP. @ VDD = 2 V, RL = 2.2 kΩ
• Built-in the capacitor for RF noise immunity
• High ESD voltage
• 3-pin thin-type lead-less minimold (1.2 × 1.0 × 0.33 mm)




Similar Part No. - UPD5742T6J

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD5740T6N RENESAS-UPD5740T6N Datasheet
403Kb / 22P
SiGe BiCMOS INTEGRATED CIRCUIT
2009
UPD5740T6N-E2 RENESAS-UPD5740T6N-E2 Datasheet
403Kb / 22P
SiGe BiCMOS INTEGRATED CIRCUIT
2009
UPD5740T6N-E2-A RENESAS-UPD5740T6N-E2-A Datasheet
403Kb / 22P
SiGe BiCMOS INTEGRATED CIRCUIT
2009
UPD5741T6J RENESAS-UPD5741T6J Datasheet
201Kb / 9P
MOS ANALOG INTEGRATED CIRCUIT
2008
UPD5741T6J-E4 RENESAS-UPD5741T6J-E4 Datasheet
201Kb / 9P
MOS ANALOG INTEGRATED CIRCUIT
2008
More results


Similar Description - UPD5742T6J

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
MOS Integrated Circuit
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
MOS Integrated Circuit
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
MOS INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
MOS INTEGRATED CIRCUIT
UPD5729T6J RENESAS-UPD5729T6J Datasheet
288Kb / 9P
MOS ANALOG INTEGRATED CIRCUIT
2008
UPD5741T6J RENESAS-UPD5741T6J Datasheet
201Kb / 9P
MOS ANALOG INTEGRATED CIRCUIT
2008
UPD5747T6J RENESAS-UPD5747T6J Datasheet
197Kb / 8P
MOS ANALOG INTEGRATED CIRCUIT
2009
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com