Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78869 Datasheet (PDF) - ELAN Microelectronics Corp

EM78869 Datasheet PDF - ELAN Microelectronics Corp
Part # EM78869
Download  EM78869 Download
File Size   514.51 Kbytes
Page   38 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description 8-Bit RISC Type Microprocessor

EM78869 Datasheet (PDF)

Go To PDF Page Download Datasheet
EM78869 Datasheet PDF - ELAN Microelectronics Corp

Part # EM78869
Download  EM78869 Click to download

File Size   514.51 Kbytes
Page   38 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description 8-Bit RISC Type Microprocessor

EM78869 Datasheet (HTML) - ELAN Microelectronics Corp


EM78869 Product details

General Description

The EM78869 is an 8-bit RISC type microprocessor with low power, high speed CMOS technology. Integrated into the single chip are on chip watchdog (WDT), RAM, ROM, programmable real-time clock/counter, internal interrupt, power-down mode, LCD driver, and tri-state I/O. The EM78869 provides a single chip solution for designing DATA-BANK of message display.



 Features

CPU

Operating voltage range:2.2V ~ 5.5V

„Operating temperature range:–20°C ~ +70°C.

32.768KHz Crystal/RC oscillation circuit selected by code option for system clock

144 byte general purpose register

640 x 8 bits on-chip data RAM

8K x 13 on-chip mask type program ROM.

Up to 29 bi-directional tri-state I/O ports

8-level stack for subroutine nesting

8-bit real time clock/counter (TCC)

Programmable free running on-chip watchdog timer

Port key scan function

Operation mode:a) Normal mode; b) Green mode; c).Idle mode; d) Sleep mode

Input port wake-up function (Port 9)

7 interrupt sources:

  •4 external (INT0 ~ INT3)

  •3 internal (one TCC timer overflow interrupt + two 8-bit counters overflow interrupt)

64-pin chip form (EM78869)



Applications

Data Bank

Message display box

Scientific calculator




Similar Part No. - EM78869

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78860 EMC-EM78860 Datasheet
125Kb / 25P
8-BIT MICRO-CONTROLLER
EM78860AQ EMC-EM78860AQ Datasheet
125Kb / 25P
8-BIT MICRO-CONTROLLER
EM78860AQ EMC-EM78860AQ Datasheet
191Kb / 26P
8 -BIT MICRO-CONTROLLER
EM78860BQ EMC-EM78860BQ Datasheet
125Kb / 25P
8-BIT MICRO-CONTROLLER
EM78860BQ EMC-EM78860BQ Datasheet
191Kb / 26P
8 -BIT MICRO-CONTROLLER
More results


Similar Description - EM78869

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3P7588X SAMSUNG-S3P7588X Datasheet
1Mb / 326P
4-BIT RISC MICROPROCESSOR
logo
ELAN Microelectronics C...
EM78862B EMC-EM78862B Datasheet
507Kb / 40P
8-Bit RISC Type Microprocessor
logo
Toshiba Semiconductor
TMPR3922AU TOSHIBA-TMPR3922AU Datasheet
253Kb / 45P
32-bit RISC Microprocessor
02-Feb-1999
TMP1962C10BXBG TOSHIBA-TMP1962C10BXBG Datasheet
6Mb / 459P
32-Bit RISC Microprocessor
16-Aug-2024
TMP1962F10AXBG TOSHIBA-TMP1962F10AXBG Datasheet
3Mb / 108P
32-Bit RISC Microprocessor
21-Feb-2006
TMP19A71CYFG TOSHIBA-TMP19A71CYFG Datasheet
14Mb / 402P
32-Bit RISC Microprocessor
TMP19A64C1DXBG TOSHIBA-TMP19A64C1DXBG Datasheet
6Mb / 460P
32-bit RISC Microprocessor
TMP19A43FD TOSHIBA-TMP19A43FD Datasheet
1Mb / 105P
32-bit RISC Microprocessor
TMP19A43CD TOSHIBA-TMP19A43CD Datasheet
12Mb / 523P
32-bit RISC Microprocessor
2.0
logo
Renesas Technology Corp
IDT79R4700 RENESAS-IDT79R4700 Datasheet
984Kb / 26P
64-Bit RISC Microprocessor
December 5, 2008
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com