Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78862B Datasheet (PDF) - ELAN Microelectronics Corp

EM78862B Datasheet PDF - ELAN Microelectronics Corp
Part # EM78862B
Download  EM78862B Download
File Size   507.9 Kbytes
Page   40 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description 8-Bit RISC Type Microprocessor

EM78862B Datasheet (PDF)

Go To PDF Page Download Datasheet
EM78862B Datasheet PDF - ELAN Microelectronics Corp

Part # EM78862B
Download  EM78862B Click to download

File Size   507.9 Kbytes
Page   40 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description 8-Bit RISC Type Microprocessor

EM78862B Datasheet (HTML) - ELAN Microelectronics Corp


EM78862B Product details

General Description

The EM78862B is an 8-bit RISC type microprocessor with low power, high speed CMOS technology. Integrated into the single chip are on chip watchdog (WDT), RAM, ROM, programmable real-time clock/counter, internal interrupt, power-down mode, LCD driver, and tri-state I/O. The EM78862B provides a single chip solution for designing DATA-BANK of message display.



Features

CPU

„ Operating voltage range: 2.2V ~ 5.5V

„ 16K X 13 on chip ROM

„ 2.2K X 8 on chip RAM

„ Up to 29 bi-directional and tri-state I/O ports

„ 8 level stack for subroutine nesting

„ 8-bit real time clock/counter (TCC)

„ Two sets of 8 bit counters can be interrupt sources

„ Programmable free running on chip watchdog timer

„ Four modes (internal PLL clock 3.579MHz)

   •SLEEP Mode: CPU and 3.579MHz clock turn off, 32.768KHz clock turn off

   •IDLE Mode: CPU and 3.579MHz clock turn off, 32.768KHz clock turn on

   •GREEN Mode: 3.579MHz clock turn off, CPU and 32.768KHz clock turn on

   •NORMAL Mode:3.579MHz clock turn on, CPU and 32.768KHz clock turn on

„ Input port wake up function

„ Seven interrupt sources; 4 external, 3 internal

„ 84-pin chip (EM78862BH)

„ Port key scan function

„ Clock frequency 32.768KHz or RC mode

„ Eight R-option pins

LCD

„ Software selectable LCD operation voltage

„ Common driver pins:9

„ Segment driver pins:60

 „1/4 bias

„ 1/8, 1/9 duty



Applications

„Data Bank

Message display box

„Scientific calculator




Similar Part No. - EM78862B

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78862 EMC-EM78862 Datasheet
391Kb / 28P
8-BIT MICRO-CONTROLLER
EM78862C EMC-EM78862C Datasheet
500Kb / 42P
8-Bit Microcontroller
More results


Similar Description - EM78862B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3P7588X SAMSUNG-S3P7588X Datasheet
1Mb / 326P
4-BIT RISC MICROPROCESSOR
logo
ELAN Microelectronics C...
EM78869 EMC-EM78869 Datasheet
514Kb / 38P
8-Bit RISC Type Microprocessor
logo
Toshiba Semiconductor
TMPR3922AU TOSHIBA-TMPR3922AU Datasheet
253Kb / 45P
32-bit RISC Microprocessor
TMP1962C10BXBG TOSHIBA-TMP1962C10BXBG Datasheet
6Mb / 459P
32-Bit RISC Microprocessor
TMP1962F10AXBG TOSHIBA-TMP1962F10AXBG Datasheet
3Mb / 108P
32-Bit RISC Microprocessor
TMP19A71CYFG TOSHIBA-TMP19A71CYFG Datasheet
14Mb / 402P
32-Bit RISC Microprocessor
TMP19A64C1DXBG TOSHIBA-TMP19A64C1DXBG Datasheet
6Mb / 460P
32-bit RISC Microprocessor
TMP19A43FD TOSHIBA-TMP19A43FD Datasheet
1Mb / 105P
32-bit RISC Microprocessor
TMP19A43CD TOSHIBA-TMP19A43CD Datasheet
12Mb / 523P
32-bit RISC Microprocessor
logo
Renesas Technology Corp
IDT79R4700 RENESAS-IDT79R4700 Datasheet
984Kb / 26P
64-Bit RISC Microprocessor
December 5, 2008
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com