Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78862C Datasheet (PDF) - ELAN Microelectronics Corp

EM78862C Datasheet PDF - ELAN Microelectronics Corp
Part # EM78862C
Download  EM78862C Download
File Size   500.05 Kbytes
Page   42 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description 8-Bit Microcontroller

EM78862C Datasheet (PDF)

Go To PDF Page Download Datasheet
EM78862C Datasheet PDF - ELAN Microelectronics Corp

Part # EM78862C
Download  EM78862C Click to download

File Size   500.05 Kbytes
Page   42 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description 8-Bit Microcontroller

EM78862C Datasheet (HTML) - ELAN Microelectronics Corp


EM78862C Product details

General Description

The EM78862C is an 8-bit RISC type microprocessor with low power, high speed CMOS technology. Integrated into the single chip are built-in watchdog (WDT), RAM, ROM, programmable real-time clock/counter, internal interrupt, power-down mode, LCD driver, and bi-directional I/O. The EM78862C provides a single chip solution for scientific calculator design applications.



Features

CPU

„ Operating voltage range: 2.2V ~ 3.6V

„ 16K x 13 on-chip ROM

„ 1.25K x 8 on-chip RAM

„ 144 byte working register

„ Up to 24 bi-directional I/O ports (16 shared with LCD segment pins)

„ 8 level stack for subroutine nesting

„ 8-bit real time clock/counter (TCC) can be configured as interrupt sources with prescaler

„ Two sets of 8 bit counters are set asinterrupt sources with prescaler

„ Programmable free running on-chip watchdog timer

„ Four modes (internal PLL clock 3.579MHz)

   •  SLEEP Mode: CPU and 3.579MHz clock turn off, 32.768kHz clock turn off

   •  IDLE Mode: CPU and 3.579MHz clock turn off, 32.768kHz clock turn on

   •  GREEN Mode: 3.579MHz clock turn off, CPU and 32.768kHz clock turn on

   •  NORMAL Mode: 3.579MHz clock turn on, CPU and 32.768kHz clock turn on

„ Input port wake up function

„ Six interrupt sources: three internal, three external

   •  Internal:

      1. TCIF for TCC timer overflow interrupt

      2. CNT1 for COUNTER 1 overflow interrupt

      3. CNT2 for COUNTER 2 overflow interrupt

  •  External:

     1. INT 0 for Port 70, Port 71, Port 72, or Port 73, has a falling edge trigger interrupt

     2. INT 1 for Port 74, Port 75, or Port 76, has a falling edge trigger interrupt

     3. INT 3 for Port 77 has a rising edge or falling edge trigger (by CONT register) interrupt

„ 67-pin die chip (EM78862CH)

„ Port key scan function

„ Clock frequency 32.768kHz or RC mode

LCD

„ LCD operation voltage:4.5 V ( VDD must be fixed at 3V )

„ Common driver pins:16

„ Segment driver pins:32

„ 1/4 bias

„ 1/16 duty



 Applications

„ Data Bank

„ Message display box

„ Scientific calculator




Similar Part No. - EM78862C

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78862 EMC-EM78862 Datasheet
391Kb / 28P
8-BIT MICRO-CONTROLLER
EM78862B EMC-EM78862B Datasheet
507Kb / 40P
8-Bit RISC Type Microprocessor
More results


Similar Description - EM78862C

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP88CH41UG TOSHIBA-TMP88CH41UG Datasheet
1Mb / 186P
8 Bit Microcontroller
TMP88CS43FG TOSHIBA-TMP88CS43FG Datasheet
2Mb / 218P
8 Bit Microcontroller
TMP86P202PG TOSHIBA-TMP86P202PG Datasheet
1Mb / 108P
8 Bit Microcontroller
TMP86FS49BUG TOSHIBA-TMP86FS49BUG Datasheet
2Mb / 294P
8 Bit Microcontroller
TMP86CH47IUG TOSHIBA-TMP86CH47IUG Datasheet
1Mb / 160P
8 Bit Microcontroller
TMP86CM23AUG TOSHIBA-TMP86CM23AUG Datasheet
2Mb / 204P
8 Bit Microcontroller
TMP86CS44UG TOSHIBA-TMP86CS44UG Datasheet
1Mb / 172P
8 Bit Microcontroller
TMP86CS49UG TOSHIBA-TMP86CS49UG Datasheet
2Mb / 252P
8 Bit Microcontroller
TMP86FH46ANG TOSHIBA-TMP86FH46ANG Datasheet
2Mb / 214P
8 Bit Microcontroller
TMP86FS23UG TOSHIBA-TMP86FS23UG Datasheet
1Mb / 252P
8 Bit Microcontroller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com