Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0797582040 Datasheet (PDF) - Molex Electronics Ltd.

0797582040 Datasheet PDF - Molex Electronics Ltd.
Part # 0797582040
Download  0797582040 Download
File Size   37.41 Kbytes
Page   1 Pages
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.
Description Pre-Crimped Lead Mega-Fit Female-to-Mega-Fit Female, 300mm, 12 AWG

0797582040 Datasheet (PDF)

Go To PDF Page Download Datasheet
0797582040 Datasheet PDF - Molex Electronics Ltd.

Part # 0797582040
Download  0797582040 Click to download

File Size   37.41 Kbytes
Page   1 Pages
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.
Description Pre-Crimped Lead Mega-Fit Female-to-Mega-Fit Female, 300mm, 12 AWG

0797582040 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 0797582040

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0797582041 MOLEX1-0797582041 Datasheet
43Kb / 1P
Pre-Crimped Lead Sabre Male-to-Sabre Male, 150mm, 16 AWG
0797582042 MOLEX1-0797582042 Datasheet
43Kb / 1P
Pre-Crimped Lead Sabre Male-to-Sabre Male, 300mm, 16 AWG
0797582043 MOLEX1-0797582043 Datasheet
43Kb / 1P
Pre-Crimped Lead Sabre Female-to-Sabre Female, 150mm, 16 AWG
0797582044 MOLEX1-0797582044 Datasheet
43Kb / 1P
Pre-Crimped Lead Sabre Female-to-Sabre Female, 300mm, 16 AWG
More results


Similar Description - 0797582040

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0797580009 MOLEX1-0797580009_18 Datasheet
42Kb / 1P
Pre-Crimped Lead Mini-Fit Female-to-Mini-Fit Female Tin Plated, 300mm, 18 AWG
0797580010 MOLEX1-0797580010_18 Datasheet
42Kb / 1P
Pre-Crimped Lead Micro-Fit 3.0 Female-to-Micro-Fit 3.0 Female Tin Plated, 300mm, 20
0797580011 MOLEX1-0797580011_18 Datasheet
40Kb / 1P
Pre-Crimped Lead SL Female-to-SL Female, 300mm, 22 AWG
0797580012 MOLEX1-0797580012_18 Datasheet
42Kb / 1P
Pre-Crimped Lead Micro-Fit 3.0 Female-to-Micro-Fit 3.0 Female Gold Plated, 300mm,20 AWG
0797581009 MOLEX1-0797581009 Datasheet
43Kb / 1P
Pre-Crimped Lead DuraClik Female-to-DuraClik Female, 300mm, 26 AWG
0797582032 MOLEX1-0797582032 Datasheet
43Kb / 1P
Pre-Crimped Lead MLX Female-to-MLX Female, 300mm, 18 AWG
0797582037 MOLEX1-0797582037 Datasheet
40Kb / 1P
Pre-Crimped Lead Mega-Fit Female-to-Mega-Fit Female, 150mm, 16 AWG
0797582038 MOLEX1-0797582038 Datasheet
40Kb / 1P
Pre-Crimped Lead Mega-Fit Female-to-Mega-Fit Female, 300mm, 16 AWG
0797582039 MOLEX1-0797582039 Datasheet
37Kb / 1P
Pre-Crimped Lead Mega-Fit Female-to-Mega-Fit Female, 150mm, 12 AWG
0797582044 MOLEX1-0797582044 Datasheet
43Kb / 1P
Pre-Crimped Lead Sabre Female-to-Sabre Female, 300mm, 16 AWG
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com