Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0797582043 Datasheet (PDF) - Molex Electronics Ltd.

0797582043 Datasheet PDF - Molex Electronics Ltd.
Part # 0797582043
Download  0797582043 Download
File Size   43.59 Kbytes
Page   1 Pages
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.
Description Pre-Crimped Lead Sabre Female-to-Sabre Female, 150mm, 16 AWG

0797582043 Datasheet (PDF)

Go To PDF Page Download Datasheet
0797582043 Datasheet PDF - Molex Electronics Ltd.

Part # 0797582043
Download  0797582043 Click to download

File Size   43.59 Kbytes
Page   1 Pages
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.
Description Pre-Crimped Lead Sabre Female-to-Sabre Female, 150mm, 16 AWG

0797582043 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 0797582043

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0797582040 MOLEX1-0797582040 Datasheet
37Kb / 1P
Pre-Crimped Lead Mega-Fit Female-to-Mega-Fit Female, 300mm, 12 AWG
0797582041 MOLEX1-0797582041 Datasheet
43Kb / 1P
Pre-Crimped Lead Sabre Male-to-Sabre Male, 150mm, 16 AWG
0797582042 MOLEX1-0797582042 Datasheet
43Kb / 1P
Pre-Crimped Lead Sabre Male-to-Sabre Male, 300mm, 16 AWG
0797582044 MOLEX1-0797582044 Datasheet
43Kb / 1P
Pre-Crimped Lead Sabre Female-to-Sabre Female, 300mm, 16 AWG
More results


Similar Description - 0797582043

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0797580003 MOLEX1-0797580003_18 Datasheet
40Kb / 1P
Pre-Crimped Lead SL Female-to-SL Female, 150mm, 22 AWG
0797581001 MOLEX1-0797581001_18 Datasheet
43Kb / 1P
Pre-Crimped Lead MicroClasp Female-to-MicroClasp Female, 150mm, 24 AWG
0797581005 MOLEX1-0797581005 Datasheet
44Kb / 1P
Pre-Crimped Lead Pico-Lock Female-to-Pico-Lock Female, 150mm, 30 AWG
0797581008 MOLEX1-0797581008 Datasheet
43Kb / 1P
Pre-Crimped Lead DuraClik Female-to-DuraClik Female, 150mm, 26 AWG
0797581020 MOLEX1-0797581020 Datasheet
42Kb / 1P
Pre-Crimped Lead Sherlock Female-to-Sherlock Female, 150mm, 26 AWG
0797582031 MOLEX1-0797582031 Datasheet
43Kb / 1P
Pre-Crimped Lead MLX Female-to-MLX Female, 150mm, 18 AWG
0797582037 MOLEX1-0797582037 Datasheet
40Kb / 1P
Pre-Crimped Lead Mega-Fit Female-to-Mega-Fit Female, 150mm, 16 AWG
0797582041 MOLEX1-0797582041 Datasheet
43Kb / 1P
Pre-Crimped Lead Sabre Male-to-Sabre Male, 150mm, 16 AWG
0797582044 MOLEX1-0797582044 Datasheet
43Kb / 1P
Pre-Crimped Lead Sabre Female-to-Sabre Female, 300mm, 16 AWG
0797582042 MOLEX1-0797582042 Datasheet
43Kb / 1P
Pre-Crimped Lead Sabre Male-to-Sabre Male, 300mm, 16 AWG
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com