Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5379ABC Datasheet (PDF) - Analog Devices

AD5379ABC Datasheet PDF - Analog Devices
Part # AD5379ABC
Download  AD5379ABC Download
File Size   616.29 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC

AD5379ABC Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5379ABC Datasheet PDF - Analog Devices

Part # AD5379ABC
Download  AD5379ABC Click to download

File Size   616.29 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC

AD5379ABC Datasheet (HTML) - Analog Devices


AD5379ABC Product details

GENERAL DESCRIPTION
The AD5382 is a complete, single-supply, 32-channel, 14-bit denseDAC® available in a 100-lead LQFP package. All 32 channels have an on-chip output amplifier with rail-to-rail operation. The AD5382 includes an internal software-selectable 1.25 V/2.5 V, 10 ppm/°C reference, an on-chip channel monitor function that multiplexes the analog outputs to a common MON_OUT pin for external monitoring, and an output amplifier boost mode that allows optimization of the amplifier slew rate.

FEATURES
   Guaranteed monotonic
   INL error: ±4 LSB max
   On-chip 1.25 V/2.5 V, 10 ppm/°C reference
   Temperature range: –40°C to +85°C
   Rail-to-rail output amplifier
   Power-down mode
   Package type: 100-lead LQFP (14 mm × 14 mm)
   User interfaces
      Parallel
      Serial (SPI®-/QSPI™-/MICROWIRE™-/DSP-compatible,
         featuring data readback)
      I2C-compatible
   Robust 6.5 kV HBM and 2 kV FICDM ESD rating

INTEGRATED FUNCTIONS
   Channel monitor
   Simultaneous output update via LDAC
   Clear function to user-programmable code
   Amplifier boost mode to optimize slew rate
   User-programmable offset and gain adjust
   Toggle mode enables square wave generation
   Thermal monitor

APPLICATIONS
   Variable optical attenuators (VOAs)
   Level setting (ATE)
   Optical micro-electro-mechanical systems (MEMS)
   Control systems
   Instrumentation




Similar Part No. - AD5379ABC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5379ABC AD-AD5379ABC Datasheet
393Kb / 28P
40-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage-Output DAC
AD5379ABC AD-AD5379ABC Datasheet
571Kb / 29P
40-Channel, 14-Bit, Parallel
REV. B
AD5379ABCZ AD-AD5379ABCZ Datasheet
571Kb / 29P
40-Channel, 14-Bit, Parallel
REV. B
More results


Similar Description - AD5379ABC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5532 AD-AD5532 Datasheet
244Kb / 16P
32-Channel, 14-Bit Voltage-Output DAC
AD5381 AD-AD5381 Datasheet
1Mb / 36P
40-Channel, 3 V/5 V, Single-Supply, 12-Bit, Voltage Output DAC
6/04-Data Sheet Changed from Rev. 0 to Rev. A
AD5383 AD-AD5383 Datasheet
1Mb / 40P
32-Channel, 3 V/5 V, Single-Supply, 12-Bit, Voltage Output DAC
5/04-Revision 0
AD5384 AD-AD5384 Datasheet
1Mb / 36P
40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit Voltage Output DAC
10/04-Changed from Rev. 0 to Rev. A
AD5380 AD-AD5380_15 Datasheet
1Mb / 40P
40-Channel, 3 V/5 V, Single-Supply, 14-Bit, denseDAC
REV. D
AD5382 AD-AD5382_15 Datasheet
872Kb / 40P
32-Channel, 3 V/5 V, Single-Supply, 14-Bit denseDAC
REV. D
AD5383 AD-AD5383_15 Datasheet
726Kb / 40P
32-Channel, 3 V/5 V, Single-Supply, 12-Bit, denseDAC
REV. D
AD5391 AD-AD5391_15 Datasheet
900Kb / 44P
8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5392 AD-AD5392_15 Datasheet
900Kb / 44P
8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5532 AD-AD5532_15 Datasheet
394Kb / 20P
32-Channel, 14-Bit Voltage-Output DAC
REV. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com