Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML60851D Datasheet (PDF) - OKI electronic componets

ML60851D Datasheet PDF - OKI electronic componets
Part # ML60851D
Download  ML60851D Download
File Size   705.59 Kbytes
Page   82 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description USB Device Controller

ML60851D Datasheet (PDF)

Go To PDF Page Download Datasheet
ML60851D Datasheet PDF - OKI electronic componets

Part # ML60851D
Download  ML60851D Click to download

File Size   705.59 Kbytes
Page   82 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description USB Device Controller

ML60851D Datasheet (HTML) - OKI electronic componets


ML60851D Product details

GENERAL DESCRIPTION

The ML60851D is a general purpose Universal Serial Bus (USB) device controller.

The ML60851D provides a USB interface, control/status block, application interface, and FIFOs. The FIFO interface and two types of transfer have been optimized for BulkOut devices such as printers and BulkIn devices such as digital still cameras and image scanners. In addition, Mass Storage devices are also applicable to this device.



FEATURES

• USB 1.1 compliant

• Built-in USB transceiver circuit

• Full-speed (12 Mb/sec) support

• Supports printer device class, image device class, and Mass Storage device class

• Supports three types of transfer; control transfer, bulk transfer, and interrupt transfer

• Built-in FIFOs for control transfer

   Two 8-byte FIFOs (one for receive FIFO and the other for transmit FIFO)

• Built-in FIFOs for bulk transfer (available for either receive FIFO or transmit FIFO)

   One 64-byte FIFO

   Two 64-byte FIFOs

• Built-in FIFO for interrupt transfer

   One 8-byte FIFO

• Supports one control endpoint, two bulk endpoint addresses, and one interrupt endpoint address

• Two 64-byte FIFOs enable fast BulkOut transfer and BulkIn transfer

• Supports 8 bit/16 bit DMA transfer

• Supports protocol stall

• VCC is 3.0 V to 3.6 V

• Supporting dual power supply enables 5 V application interface

• Built-in 48 MHz oscillator circuit

• Package options:

   44-pin plastic QFP (QFP44-P-910-0.80-2K) (Product name: ML60851DGA)

   44-pin plastic TQFP (TQFP44-P-1010-0.80-K) (Product name: ML60851DTB)



 




Similar Part No. - ML60851D

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML60851A OKI-ML60851A Datasheet
325Kb / 45P
USB Device Controller
ML60851AGA OKI-ML60851AGA Datasheet
325Kb / 45P
USB Device Controller
ML60851ATB OKI-ML60851ATB Datasheet
325Kb / 45P
USB Device Controller
ML60851C OKI-ML60851C Datasheet
413Kb / 67P
USB Device Controller
ML60851CGA OKI-ML60851CGA Datasheet
413Kb / 67P
USB Device Controller
More results


Similar Description - ML60851D

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66290AGP MITSUBISHI-M66290AGP Datasheet
435Kb / 53P
USB DEVICE CONTROLLER
logo
OKI electronic componet...
ML60852 OKI-ML60852 Datasheet
451Kb / 81P
USB Device Controller
logo
List of Unclassifed Man...
PL-2351 ETC-PL-2351 Datasheet
31Kb / 1P
USB Device Controller
logo
OKI electronic componet...
ML60851A OKI-ML60851A Datasheet
325Kb / 45P
USB Device Controller
ML60851C OKI-ML60851C Datasheet
413Kb / 67P
USB Device Controller
ML60851E OKI-ML60851E Datasheet
358Kb / 84P
USB Device Controller
ML60852A OKI-ML60852A Datasheet
335Kb / 81P
USB Device Controller
logo
Agere Systems
USS-820FD AGERE-USS-820FD Datasheet
890Kb / 56P
USB Device Controller
Rev. 1 August 2004
logo
Renesas Technology Corp
M66290AGP RENESAS-M66290AGP Datasheet
451Kb / 54P
USB DEVICE CONTROLLER
logo
Winbond
W81281 WINBOND-W81281 Datasheet
324Kb / 37P
USB Keyboard/ Device Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com