Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M66290AGP Datasheet (PDF) - Renesas Technology Corp

M66290AGP Datasheet PDF - Renesas Technology Corp
Part # M66290AGP
Download  M66290AGP Download
File Size   451.84 Kbytes
Page   54 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description USB DEVICE CONTROLLER

M66290AGP Datasheet (PDF)

Go To PDF Page Download Datasheet
M66290AGP Datasheet PDF - Renesas Technology Corp

Part # M66290AGP
Download  M66290AGP Click to download

File Size   451.84 Kbytes
Page   54 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description USB DEVICE CONTROLLER

M66290AGP Datasheet (HTML) - Renesas Technology Corp


M66290AGP Product details

DESCRIPTION
The M66290A is a general purpose USB (Univ ersal Serial Bus) device controller compatible with the USB specification version 1.1 and corresponds to full speed transfer. Built-in transceiver circuits meet all transfer type which is def ined in USB.
M66290A has FIFO of 3k Bytes for data transfer and can set 6 endpoints (maximum).
Each endpoint can be set programmable of its transfer condition, so can correspond to each dev ice class transfer system of USB.

FEATURES
• USB specification 1.1 compliant
• Built-in USB transceiver circuit
• Supports Full Speed (12 Mbps) transmission
• Supports all four USB transfer type :
   • Control transfer
   • Bulk transfer
   • Isochronous transfer
   • Interrupt transfer
• Built-in FIFO (3 KBy tes) for Endpoint
• Up to 6 endpoint (EP0 to EP5) selectable
• Data transfer condition selectable for each Endpoints (EP1 to EP5)
   • Data transfer type
      (Bulk, Isochronous and Interrupt)
   • Transfer direction (IN/OUT)
   • Buffer size of FIFO (maximum 1024 By tes)
   • Double (Toggle) buffer configuration
   • Continuous transfer mode
      (Buffering up to 1 KBy teX2)
   • Max packet size
• Supports 4 input clock frequencies
   • Input clock : 6/12/24/48 MHz
   • Built-in PLL which has an oscillation buffer and outputs at 48 MHz
• Supports both 8-bit and 16-bit DMA transfers
• 16-bit CPU bus interface
• 3.3V single power source
• Built-in JTAG

APPLICATION
• Printer, Scanner , DSC , DVC
• PC camera , Multimedia speaker , Terminal adapter etc.
• Support all PC peripheral using Full Speed USB




Similar Part No. - M66290AGP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66290AGP MITSUBISHI-M66290AGP Datasheet
435Kb / 53P
USB DEVICE CONTROLLER
More results


Similar Description - M66290AGP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66290AGP MITSUBISHI-M66290AGP Datasheet
435Kb / 53P
USB DEVICE CONTROLLER
logo
OKI electronic componet...
ML60851D OKI-ML60851D Datasheet
705Kb / 82P
USB Device Controller
ML60852 OKI-ML60852 Datasheet
451Kb / 81P
USB Device Controller
logo
List of Unclassifed Man...
PL-2351 ETC-PL-2351 Datasheet
31Kb / 1P
USB Device Controller
logo
OKI electronic componet...
ML60851A OKI-ML60851A Datasheet
325Kb / 45P
USB Device Controller
ML60851C OKI-ML60851C Datasheet
413Kb / 67P
USB Device Controller
ML60851E OKI-ML60851E Datasheet
358Kb / 84P
USB Device Controller
ML60852A OKI-ML60852A Datasheet
335Kb / 81P
USB Device Controller
logo
Agere Systems
USS-820FD AGERE-USS-820FD Datasheet
890Kb / 56P
USB Device Controller
Rev. 1 August 2004
logo
Winbond
W81281 WINBOND-W81281 Datasheet
324Kb / 37P
USB Keyboard/ Device Controller
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com