Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD452 Datasheet (PDF) - Pan Jit International Inc.

MMBD452 Datasheet PDF - Pan Jit International Inc.
Part # MMBD452
Download  MMBD452 Download
File Size   58.38 Kbytes
Page   4 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SURFACE MOUNT SCHOTTKY DIODE

MMBD452 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBD452 Datasheet PDF - Pan Jit International Inc.

Part # MMBD452
Download  MMBD452 Click to download

File Size   58.38 Kbytes
Page   4 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SURFACE MOUNT SCHOTTKY DIODE

MMBD452 Datasheet (HTML) - Pan Jit International Inc.


MMBD452 Product details

VOLTAGE 30 Volts POWER 200mWatts

FEATURES
• Low Capacitance : 1.5pF(Max)at VR=15V
• Very Low VF : 0.36V (Typ) at IF = 1mA
• Extremely Fast Switching Speed
• Lead free in comply with EU RoHS 2011/65/EU directives.
• Green molding compound as per IEC61249 Std. . (Halogen Free)

MECHANICAL DATA
• Case: SOT-23 plastic case.
• Terminals : Solderable per MIL-STD-750,Method 2026
• Standard packaging: 8mm tape
• Weight: approximately 0.0084gram




Similar Part No. - MMBD452

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
MMBD452 LUGUANG-MMBD452 Datasheet
241Kb / 2P
Dual Hot Carrier Mixer Diodes
logo
Diode Semiconductor Kor...
MMBD452 DSK-MMBD452 Datasheet
227Kb / 3P
Dual Hot-Carrier Diodes
logo
Galaxy Semi-Conductor H...
MMBD452 BILIN-MMBD452 Datasheet
155Kb / 3P
Dual Hot-Carrier Diodes
Rev.A
MMBD452 BILIN-MMBD452 Datasheet
212Kb / 3P
Schottky Barrier Diodes
logo
Shenzhen Luguang Electr...
MMBD452 LUGUANG-MMBD452 Datasheet
1Mb / 2P
Dual Hot Carrier Mixer Diodes
More results


Similar Description - MMBD452

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMHSH-3 CENTRAL-CMHSH-3 Datasheet
51Kb / 2P
SURFACE MOUNT SCHOTTKY DIODE
logo
Pan Jit International I...
RB520S30 PANJIT-RB520S30 Datasheet
111Kb / 3P
SURFACE MOUNT SCHOTTKY DIODE
logo
Comchip Technology
BAS54 COMCHIP-BAS54 Datasheet
63Kb / 2P
Surface Mount Schottky Diode
logo
Pan Jit International I...
RB551V30 PANJIT-RB551V30 Datasheet
107Kb / 3P
SURFACE MOUNT SCHOTTKY DIODE
MMBD330W PANJIT-MMBD330W Datasheet
58Kb / 4P
SURFACE MOUNT SCHOTTKY DIODE
PJRB461F PANJIT-PJRB461F Datasheet
89Kb / 3P
SURFACE MOUNT SCHOTTKY DIODE
RB551V-30 PANJIT-RB551V-30 Datasheet
156Kb / 3P
SURFACE MOUNT SCHOTTKY DIODE
MMBD301 PANJIT-MMBD301_13 Datasheet
186Kb / 5P
SURFACE MOUNT SCHOTTKY DIODE
logo
Unisonic Technologies
RB501V-40 UTC-RB501V-40 Datasheet
131Kb / 3P
SURFACE MOUNT SCHOTTKY DIODE
logo
Shanghai Leiditech Elec...
1SS357 LEIDITECH-1SS357 Datasheet
435Kb / 2P
Surface mount schottky diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com