Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8588 Datasheet (PDF) - Maxim Integrated Products

MAX8588 Datasheet PDF - Maxim Integrated Products
Part # MAX8588
Download  MAX8588 Download
File Size   572.71 Kbytes
Page   31 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Efficiency, Low-IQ PMIC with Dynamic Core for PDAs and Smartphones

MAX8588 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX8588 Datasheet PDF - Maxim Integrated Products

Part # MAX8588
Download  MAX8588 Click to download

File Size   572.71 Kbytes
Page   31 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Efficiency, Low-IQ PMIC with Dynamic Core for PDAs and Smartphones

MAX8588 Datasheet (HTML) - Maxim Integrated Products


MAX8588 Product details

General Description
The MAX8588 power-management IC is optimized for devices using Intel X-Scale™ microprocessors, including smartphones, PDAs, internet appliances, and other portable devices requiring substantial computing and multimedia capability at low power.

Features
♦ Six Regulators in One Package
    Step-Down DC-DC for I/O at 1.3A
    Step-Down DC-DC for Memory at 0.9A
    Step-Down Serial-Programmed DC-DC for CORE
    Up to 0.5A
    Three LDO Outputs for SRAM, PLL, and USIM
    Always-On Output for VCC_BATT
♦ Low Operating Current
    60µA in Sleep Mode (Sleep LDOs On)
    130µA with DC-DCs On (Core Off)
    200µA All Regulators On, No Load
    5µA Shutdown Current
♦ Optimized for X-Scale Processors
♦ Backup-Battery Input
♦ 1MHz PWM Switching Allows Small External Components
♦ Tiny 6mm x 6mm, 48-Pin Thin QFN Package

Applications
    PDA, Palmtop, and Wireless Handhelds
    Third-Generation Smart Cell Phones
    Internet Appliances and Web-Books




Similar Part No. - MAX8588

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8581 MAXIM-MAX8581 Datasheet
263Kb / 9P
2.5MHz/1.5MHz Step-Down Converters with 60m ohm Bypass in TDFN for CDMA PA Power
Rev 0; 11/06
MAX8581ETB+ MAXIM-MAX8581ETB+ Datasheet
263Kb / 9P
2.5MHz/1.5MHz Step-Down Converters with 60m ohm Bypass in TDFN for CDMA PA Power
Rev 0; 11/06
MAX8581ETB+ MAXIM-MAX8581ETB+ Datasheet
562Kb / 10P
2.5MHz/1.5MHz Step-Down Converters with 60m廓 Bypass in TDFN for CDMA PA Power
2007
MAX8581 MAXIM-MAX8581_V01 Datasheet
562Kb / 10P
2.5MHz/1.5MHz Step-Down Converters with 60m廓 Bypass in TDFN for CDMA PA Power
2007
MAX8582ETB+ MAXIM-MAX8582ETB+ Datasheet
263Kb / 9P
2.5MHz/1.5MHz Step-Down Converters with 60m ohm Bypass in TDFN for CDMA PA Power
Rev 0; 11/06
More results


Similar Description - MAX8588

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1586A MAXIM-MAX1586A Datasheet
656Kb / 32P
High-Efficiency, Low-IQ PMICs with Dynamic Core for PDAs and Smart Phones
Rev 1; 12/03
MAX8594 MAXIM-MAX8594 Datasheet
691Kb / 22P
5-Output PMICs with DC-DC Core Supply for Low-Cost PDAs
Rev 2; 4/05
MAX8660 MAXIM-MAX8660 Datasheet
1Mb / 42P
High-Efficiency, Low-IQ, PMICs with Dynamic Voltage Management for Mobile Applications
Rev 1; 10/06
MAX1586A MAXIM-MAX1586A_08 Datasheet
482Kb / 30P
High-Efficiency, Low-IQ PMICs with Dynamic Core for PDAs and Smart Phones
Rev 3; 12/08
MAX1586A MAXIM-MAX1586A_09 Datasheet
677Kb / 30P
High-Efficiency, Low-IQ PMICs with Dynamic Core for PDAs and Smart Phones
Rev 4; 4/09
MAX8660 MAXIM-MAX8660_09 Datasheet
826Kb / 43P
High-Efficiency, Low-IQ, PMICs with Dynamic Voltage Management for Mobile Applications
Rev 2; 8/09
logo
uPI Group Inc.
UP6636Q UPI-UP6636Q Datasheet
963Kb / 42P
High Efficiency PMIC with Dynamic Voltage Management
UP6641Q UPI-UP6641Q Datasheet
1Mb / 48P
High Efficiency PMIC with Dynamic Voltage Management
logo
Maxim Integrated Produc...
MAX14690 MAXIM-MAX14690_V01 Datasheet
807Kb / 47P
PMIC with Ultra-Low IQ Voltage Regulators and Battery Charger for Small Lithium Ion Systems
2020
MAX8660 MAXIM-MAX8660_V01 Datasheet
1Mb / 44P
High-Efficiency, Low-IQ, PMICs with Dynamic Voltage Management for Mobile Applications
2012
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com