Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI3016 Datasheet (PDF) - List of Unclassifed Manufacturers

SI3016 Datasheet PDF - List of Unclassifed Manufacturers
Part # SI3016
Download  SI3016 Download
File Size   940.17 Kbytes
Page   48 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT

SI3016 Datasheet (PDF)

Go To PDF Page Download Datasheet
SI3016 Datasheet PDF - List of Unclassifed Manufacturers

Part # SI3016
Download  SI3016 Click to download

File Size   940.17 Kbytes
Page   48 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT

SI3016 Datasheet (HTML) - List of Unclassifed Manufacturers


SI3016 Product details

Description

The Si3016 is an integrated direct access arrangement (DAA) line-side device with a programmable line interface to meet global telephone line interface requirements. Available ina 16-pin small outline package, it

eliminates the need for an analog front end (AFE), an isolation transformer, relays, opto-isolators, and a 2- to 4-wire hybrid. The Si3016 dramatically reduces the number of discrete components and cost required to achieve compliance with global regulatory requirements. The Si3016 interfaces directly to a Silicon Laboratories integrated DAA system-side interface.



Features

Complete DAA includes the following:

Line voltage monitor

Loop current monitor

3.2 dBm transmit/receive levels

Parallel handset detection

7 µA on-hook line monitor current

Overload protection

Programmable line interface

  AC termination

  DC termination

  Ring detect threshold

  Ringer impedance

Polarity reversal detection

84 dB dynamic range TX/RX

Integrated analog front end (AFE) and 2- to 4-wire hybrid

Integrated ring detector

Caller ID support

Pulse dialing support

Billing tone detection

3.3 V or 5 V power supply

Direct interface to DSPs

Up to 5000 V isolation

Proprietary isolation technology



Applications

V.90 modems

Voice mail systems

Set-top boxes

Fax machines

Internet appliances

VOIP systems




Similar Part No. - SI3016

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3016 SILABS-SI3016 Datasheet
972Kb / 50P
3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT
SI3016-BS SILABS-SI3016-BS Datasheet
972Kb / 50P
3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT
SI3016-F-FS SILABS-SI3016-F-FS Datasheet
972Kb / 50P
3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT
logo
Texas Instruments
SI3016-KS TI-SI3016-KS Datasheet
1Mb / 87P
EMBEDDED V.90 MODEM DSP
logo
Silicon Laboratories
SI3016-KS SILABS-SI3016-KS Datasheet
972Kb / 50P
3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT
More results


Similar Description - SI3016

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC5604 CLARE-CPC5604 Datasheet
368Kb / 33P
Optical Data Access Arrangement I.C.
logo
Mitel Networks Corporat...
MH88435-P MITEL-MH88435-P Datasheet
71Kb / 16P
Data Access Arrangement Preliminary Information
MH88437-P MITEL-MH88437-P Datasheet
96Kb / 16P
Data Access Arrangement Advance Information
logo
List of Unclassifed Man...
SI3035 ETC-SI3035 Datasheet
1Mb / 54P
3.3 V FCC/JATE DIRECT ACCESS ARRANGEMENT
logo
Mitel Networks Corporat...
MH88435 MITEL-MH88435 Datasheet
141Kb / 5P
Data Access Arrangement
logo
Silicon Laboratories
SI3056 SILABS-SI3056 Datasheet
1Mb / 94P
GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
SI3016 SILABS-SI3016 Datasheet
972Kb / 50P
3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT
SI3066 SILABS-SI3066 Datasheet
721Kb / 40P
V.32 FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
SI3068 SILABS-SI3068 Datasheet
723Kb / 40P
FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
logo
List of Unclassifed Man...
SI3010-KS ETC2-SI3010-KS Datasheet
1Mb / 94P
GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com