Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI3035 Datasheet (PDF) - List of Unclassifed Manufacturers

SI3035 Datasheet PDF - List of Unclassifed Manufacturers
Part # SI3035
Download  SI3035 Download
File Size   1407.21 Kbytes
Page   54 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 3.3 V FCC/JATE DIRECT ACCESS ARRANGEMENT

SI3035 Datasheet (PDF)

Go To PDF Page Download Datasheet
SI3035 Datasheet PDF - List of Unclassifed Manufacturers

Part # SI3035
Download  SI3035 Click to download

File Size   1407.21 Kbytes
Page   54 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 3.3 V FCC/JATE DIRECT ACCESS ARRANGEMENT

SI3035 Datasheet (HTML) - List of Unclassifed Manufacturers


SI3035 Product details

[SILICON LABORATORIES]



Description

The Si3038 is an integrated direct access arrangement (DAA) chipset that provides a digital, programmable line interface to meet global telephone line requirements. Available in two 16-pin small outline packages (AC’97 interface on Si3024 and phone-line interface on Si3014), the chipset eliminates the need for an analog front end (AFE), an isolation transformer, relays, opto-isolators, and a 2- to 4-wire hybrid.



Features

Complete DAA includes:

■ AC’97 2.1 Compliant

■ Primary or Secondary Codec

■ Global Phone Line Interface

■ Compliant with FCC, CTR21, JATE, and Other PTTs

■ 84 dB Dynamic Range TX/RX Paths

■ 3.3 V or 5 V Power Supply

■ Greater than 3000 V Isolation

■ Integrated Ring Detector

■ Wake-Up On Ring

■ Caller ID Support

■ Integrated Analog Front End

■ 2- to 4-Wire Hybrid

■ Low-Power Standby Mode

■ Low Profile SOIC Packages

■ Patented ISOcap™ Technology



Applications

■ Software Modems

■ Audio/Telephony Sub-Systems

■ Audio/Modem Riser Cards (AMR)

■ Mobile Daughter Cards (MDC)

■ Mini-PCI Cards



 




Similar Part No. - SI3035

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI3035 ETC1-SI3035 Datasheet
1Mb / 64P
GLOBAL MC 97 SILICON DAA
More results


Similar Description - SI3035

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC5604 CLARE-CPC5604 Datasheet
368Kb / 33P
Optical Data Access Arrangement I.C.
logo
Mitel Networks Corporat...
MH88435-P MITEL-MH88435-P Datasheet
71Kb / 16P
Data Access Arrangement Preliminary Information
MH88437-P MITEL-MH88437-P Datasheet
96Kb / 16P
Data Access Arrangement Advance Information
MH88435 MITEL-MH88435 Datasheet
141Kb / 5P
Data Access Arrangement
logo
List of Unclassifed Man...
SI3016 ETC-SI3016 Datasheet
940Kb / 48P
3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT
logo
Silicon Laboratories
SI3056 SILABS-SI3056 Datasheet
1Mb / 94P
GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
SI3016 SILABS-SI3016 Datasheet
972Kb / 50P
3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT
SI3066 SILABS-SI3066 Datasheet
721Kb / 40P
V.32 FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
SI3068 SILABS-SI3068 Datasheet
723Kb / 40P
FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
logo
List of Unclassifed Man...
SI3010-KS ETC2-SI3010-KS Datasheet
1Mb / 94P
GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com