Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MR820 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

MR820 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # MR820
Download  MR820 Download
File Size   96.09 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Axial lead diode

MR820 Datasheet (PDF)

Go To PDF Page Download Datasheet
MR820 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # MR820
Download  MR820 Click to download

File Size   96.09 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Axial lead diode

MR820 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


MR820 Product details

Forward Current: 5 A
Reverse Voltage: 50 to 1000 V

Features
• Max,solder temperature: 260°C
• Plastic material has UL classification 94V-0




Similar Part No. - MR820

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MR820 DIOTEC-MR820 Datasheet
199Kb / 2P
Fast Silicon Rectifiers
logo
Semikron International
MR820 SEMIKRON-MR820 Datasheet
155Kb / 2P
Fast silicon rectifier diodes
logo
Diotec Semiconductor
MR820 DIOTEC-MR820 Datasheet
58Kb / 2P
Fast Silicon-Rectifiers
logo
Semikron International
MR820 SEMIKRON-MR820 Datasheet
159Kb / 2P
Fast silicon rectifier diodes
logo
DAESAN ELECTRONIC CORP.
MR820 DAESAN-MR820 Datasheet
275Kb / 2P
CURRENT 5.0 Amperes VOLTAGE 50 to 800 Volts
More results


Similar Description - MR820

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
7151 GILWAY-7151 Datasheet
44Kb / 1P
Submicro Axial Lead Lamp,Micro Axial Lead Lamps,Axial Lead Lamps
logo
Continental Device Indi...
CT282 CDIL-CT282 Datasheet
146Kb / 3P
SILICON GENERAL PURPOSE DIODE AXIAL LEAD
CD1N4148 CDIL-CD1N4148 Datasheet
95Kb / 3P
HIGH SPEED SILICON SWITCHING DIODE AXIAL LEAD
logo
Semikron International
3EZ1 SEMIKRON-3EZ1_06 Datasheet
46Kb / 1P
Axial lead diode Zener silicon diodes
ZY1 SEMIKRON-ZY1 Datasheet
48Kb / 1P
Axial lead diode Zener silicon diodes
ZPY1 SEMIKRON-ZPY1 Datasheet
48Kb / 1P
Axial lead diode Zener silicon diodes
logo
Sensitron
SS5819-1 SENSITRON-SS5819-1_08 Datasheet
48Kb / 3P
HERMETIC AXIAL LEAD / MELF SCHOTTKY BARRIER DIODE
logo
SUNMATE electronic Co.,...
10KP17A SUNMATE-10KP17A Datasheet
689Kb / 3P
AXIAL LEAD TRANSIENT VOLTAGE SUPPRESSOR DIODE
logo
M/A-COM Technology Solu...
1N5819 MA-COM-1N5819 Datasheet
586Kb / 4P
Axial Lead Schottky Diode
logo
SUNMATE electronic Co.,...
15KP12A SUNMATE-15KP12A_15 Datasheet
477Kb / 3P
AXIAL LEAD TRANSIENT VOLTAGE SUPPRESSOR DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com