Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16P Datasheet (PDF) - Diotec Semiconductor

BAS16P Datasheet PDF - Diotec Semiconductor
Part # BAS16P
Download  BAS16P Download
File Size   158.23 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description SMD Small Signal Diodes

BAS16P Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS16P Datasheet PDF - Diotec Semiconductor

Part # BAS16P
Download  BAS16P Click to download

File Size   158.23 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description SMD Small Signal Diodes

BAS16P Datasheet (HTML) - Diotec Semiconductor


BAS16P Product details

SMD Small Signal Diodes

Features
   Very high switching speed
   Low junction capacitance
   Low leakage current
   Compliant to RoHS, REACH,
   Conflict Minerals 1)

Typical Applications
   Signal processing, High-speed Switching,
   Rectifying
   Commercial grade
   Suffix -Q: AEC-Q101 compliant 1)
   Suffix -AQ: in AEC-Q101 qualification 1)

Mechanical Data 1)
   Taped and reeled 10000 / 7“
   Weight approx. 0.0001 g
   Case material UL 94V-0
   Solder & assembly conditions 260°C/10s
                                                       MSL = 1




Similar Part No. - BAS16P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS16P2T5G ONSEMI-BAS16P2T5G Datasheet
95Kb / 4P
Switching Diode
May, 2013 ??Rev. 1
BAS16P2T5G ONSEMI-BAS16P2T5G Datasheet
95Kb / 4P
Switching Diode
May, 2013 ??Rev. 1
BAS16P2T5G ONSEMI-BAS16P2T5G_13 Datasheet
95Kb / 4P
Switching Diode
May, 2013 ??Rev. 1
logo
Chenmko Enterprise Co. ...
BAS16PT CHENMKO-BAS16PT Datasheet
75Kb / 2P
SWITCHING DIODE VOLTAGE 100 Volts CURRENT 0.15 Ampere
More results


Similar Description - BAS16P

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BAS16 DIOTEC-BAS16_16 Datasheet
187Kb / 2P
SMD Small Signal Diodes
BAS16 DIOTEC-BAS16_17 Datasheet
194Kb / 2P
SMD Small Signal Diodes
BAS16 DIOTEC-BAS16_18 Datasheet
194Kb / 2P
SMD Small Signal Diodes
BAS16W DIOTEC-BAS16W Datasheet
191Kb / 2P
SMD Small Signal Diodes
BAS19 DIOTEC-BAS19_18 Datasheet
164Kb / 2P
SMD Small Signal Diodes
BAS31 DIOTEC-BAS31_18 Datasheet
174Kb / 2P
SMD Small Signal Diodes
MCL4148 DIOTEC-MCL4148_18 Datasheet
137Kb / 2P
SMD Small Signal Diodes
BAS31 DIOTEC-BAS31_1 Datasheet
174Kb / 2P
SMD Small Signal Diodes
BAS216WT DIOTEC-BAS216WT_18 Datasheet
140Kb / 2P
SMD Small Signal Diodes
BAS21W DIOTEC-BAS21W Datasheet
159Kb / 2P
SMD Small Signal Diodes
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com