Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16P Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # BAS16P
Description  SMD Small Signal Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BAS16P Datasheet(HTML) 1 Page - Diotec Semiconductor

  BAS16P Datasheet HTML 1Page - Diotec Semiconductor BAS16P Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAS16P
BAS16P
SMD Small Signal Diodes
SMD Kleinsignal-Dioden
IFAV = 200 mA
VF1 < 0.715 V
Tjmax = 150°C
VRRM = 100 V
IFSM1 = 2 A
trr
< 4 ns
Version 2018-10-09
SOD-882
(DFN1006-2)
Dimensions - Maße [mm]
Type Code: A6
Typical Applications
Signal processing, High-speed Switching,
Rectifying
Commercial grade
Suffix -Q: AEC-Q101 compliant 1)
Suffix -AQ: in AEC-Q101 qualification 1)
Typische Anwendungen
Signalverarbeitung, Schnelles Schalten,
Gleichrichten
Standardausführung
Suffix -Q: AEC-Q101 konform 1)
Suffix -AQ: in AEC-Q101 Qualifikation 1)
Features
Very high switching speed
Low junction capacitance
Low leakage current
Compliant to RoHS, REACH,
Conflict Minerals 1)
Besonderheiten
Extrem schnelles Schalten
Niedrige Sperrschichtkapazität
Niedriger Sperrstrom
Konform zu RoHS, REACH,
Konfliktmineralien 1)
Mechanical Data 1)
Mechanische Daten 1)
Taped and reeled
10000 / 7“
Gegurtet auf Rolle
Weight approx.
0.0001 g
Gewicht ca.
Case material
UL 94V-0
Gehäusematerial
Solder & assembly conditions
260°C/10s
Löt- und Einbaubedingungen
MSL = 1
Maximum ratings 2)
Grenzwerte 2)
BAS16P/-Q
Power dissipation
Verlustleistung
Ptot
250 mW 3)
Maximum forward current
Dauergrenzstrom
IFAV
200 mA 3)
Repetitive peak forward current
Periodischer Spitzenstrom
IFRM
300 mA 3)
Non repetitive peak forward surge current
Stoßstrom-Grenzwert
tp ≤ 1 s
tp ≤ 1 µs
IFSM
1 A
2 A
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM
100 V
Reverse voltage
Sperrspannung
DC
VR
75 V
Junction/Storage temperature
Sperrschicht-/Lagerungstemperatur
Tj/S
-55...+150°C
1
Please note the detailed information on our website or at the beginning of the data book
Bitte beachten Sie die detaillierten Hinweise auf unserer Internetseite bzw. am Anfang des Datenbuches
2
TA = 25°C and per diode, unless otherwise specified – TA = 25°C und pro Diode, wenn nicht anders angegeben
3
Mounted on 3 mm2 copper pads per terminal – Montage auf 3 mm2 Kupferbelag (Lötpads) je Anschluss
© Diotec Semiconductor AG
http://www.diotec.com/
1
Pb
RoHS
Type
Code
0.48
±0.03
R 0.1
±0.05
0.25
±0.05
0.5
±0.05
max 0.05
1.0
±0.05
1 2
0.65
±0.05
0.6±0.05


Similar Part No. - BAS16P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS16P2T5G ONSEMI-BAS16P2T5G Datasheet
95Kb / 4P
Switching Diode
May, 2013 ??Rev. 1
BAS16P2T5G ONSEMI-BAS16P2T5G Datasheet
95Kb / 4P
Switching Diode
May, 2013 ??Rev. 1
BAS16P2T5G ONSEMI-BAS16P2T5G_13 Datasheet
95Kb / 4P
Switching Diode
May, 2013 ??Rev. 1
logo
Chenmko Enterprise Co. ...
BAS16PT CHENMKO-BAS16PT Datasheet
75Kb / 2P
SWITCHING DIODE VOLTAGE 100 Volts CURRENT 0.15 Ampere
More results

Similar Description - BAS16P

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BAS16 DIOTEC-BAS16_16 Datasheet
187Kb / 2P
SMD Small Signal Diodes
BAS16 DIOTEC-BAS16_17 Datasheet
194Kb / 2P
SMD Small Signal Diodes
BAS16 DIOTEC-BAS16_18 Datasheet
194Kb / 2P
SMD Small Signal Diodes
BAS16W DIOTEC-BAS16W Datasheet
191Kb / 2P
SMD Small Signal Diodes
BAS19 DIOTEC-BAS19_18 Datasheet
164Kb / 2P
SMD Small Signal Diodes
BAS31 DIOTEC-BAS31_18 Datasheet
174Kb / 2P
SMD Small Signal Diodes
MCL4148 DIOTEC-MCL4148_18 Datasheet
137Kb / 2P
SMD Small Signal Diodes
BAS31 DIOTEC-BAS31_1 Datasheet
174Kb / 2P
SMD Small Signal Diodes
BAS216WT DIOTEC-BAS216WT_18 Datasheet
140Kb / 2P
SMD Small Signal Diodes
BAS21W DIOTEC-BAS21W Datasheet
159Kb / 2P
SMD Small Signal Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com