Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD773A Datasheet (PDF) - Analog Devices

AD773A Datasheet PDF - Analog Devices
Part # AD773A
Download  AD773A Download
File Size   223.62 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10-Bit, 20 MSPS Monolithic A/D Converter

AD773A Datasheet (PDF)

Go To PDF Page Download Datasheet
AD773A Datasheet PDF - Analog Devices

Part # AD773A
Download  AD773A Click to download

File Size   223.62 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10-Bit, 20 MSPS Monolithic A/D Converter

AD773A Datasheet (HTML) - Analog Devices


AD773A Product details

PRODUCT DESCRIPTION
The AD773A is a monolithic 10-bit, 20 Msps analog-to-digital converter incorporating an on-board, high performance track-and-hold amplifier (THA). The AD773A converts video bandwidth signals without the use of an external THA. The AD773A implements a multistage differential pipelined architecture with output error correction logic. The AD773A offers accurate performance and guarantees no missing codes over the full operating temperature range.

FEATURES
   Monolithic 10-Bit, 20 MSPS A/D Converter
   Low Power Dissipation: 1.0 W
   Signal-to-Noise Plus Distortion Ratio
      fIN = 1 MHz: 56 dB
      fIN = 10 MHz: 54 dB
   Guaranteed No Missing Codes
   On-Chip Track-and-Hold Amplifier
   100 MHz Full Power Bandwidth
   High Impedance Reference Input
   Out of Range Output
   Twos Complement and Binary Output Data
   Available in Commercial and Military Temperature
      Ranges (See Military/Aerospace Reference Manual
      for Specifications)




Similar Part No. - AD773A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD773A AD-AD773A Datasheet
4Mb / 14P
10 BIT 20 MSPS MONOLITHIC A/D CONVERTER
REV. 0
AD773A AD-AD773A_15 Datasheet
4Mb / 14P
10 BIT 20 MSPS MONOLITHIC A/D CONVERTER
REV. 0
More results


Similar Description - AD773A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9240 AD-AD9240 Datasheet
328Kb / 24P
Complete 14-Bit, 10 MSPS Monolithic A/D Converter
REV.A
logo
Intersil Corporation
HI5710A INTERSIL-HI5710A Datasheet
154Kb / 20P
10-Bit, 20 MSPS A/D Converter
August 1997
logo
Analog Devices
AD9022 AD-AD9022 Datasheet
240Kb / 12P
12-Bit 20 MSPS Monolithic A/D Converter
REV.B
logo
Intersil Corporation
HI5710A INTERSIL-HI5710A_00 Datasheet
833Kb / 21P
10-Bit, 20 MSPS A/D Converter
August 2000
logo
Analog Devices
AD9240ASZ AD-AD9240ASZ Datasheet
327Kb / 24P
Complete 14-Bit, 10 MSPS Monolithic A/D Converter
REV. B
AD9240ASRL AD-AD9240ASRL Datasheet
327Kb / 24P
Complete 14-Bit, 10 MSPS Monolithic A/D Converter
REV. B
AD9022 AD-AD9022_15 Datasheet
411Kb / 12P
12-Bit 20 MSPS Monolithic A/D Converter
REV. A
AD773A AD-AD773A_15 Datasheet
4Mb / 14P
10 BIT 20 MSPS MONOLITHIC A/D CONVERTER
REV. 0
AD773 AD-AD773_15 Datasheet
4Mb / 16P
10 BIT 18 MSPS MONOLITHIC A/D CONVERTER
REV. 0
AD872A AD-AD872A_15 Datasheet
783Kb / 20P
Complete 12-Bit 10 MSPS Monolithic A/D Converter
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com