Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSA180 Datasheet (PDF) - OKI electronic componets

MSA180 Datasheet PDF - OKI electronic componets
Part # MSA180
Download  MSA180 Download
File Size   147.25 Kbytes
Page   17 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Piezo Speaker Amplifier

MSA180 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSA180 Datasheet PDF - OKI electronic componets

Part # MSA180
Download  MSA180 Click to download

File Size   147.25 Kbytes
Page   17 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Piezo Speaker Amplifier

MSA180 Datasheet (HTML) - OKI electronic componets


MSA180 Product details

GENERAL DESCRIPTION
The MSA180 is a piezo speaker driver for OKIs speech synthesizers. Its voltage gain can be adjusted by a factor of up to 10. The differential output provides an amplitude of twice the voltage supply. A separate output connects to the base of an external transistor for controlling system voltage. A standby function eliminates power loss when no input signal is present.

FEATURES
• Power supply voltage : 2.0 V to 6.0 V (single supply voltage)
• Low current consumption : 4.2 mA typ (VCC=3 V, no load)
• Standby current : <1 μA
• Differential output : Twice the supply voltage (maximum output amplitube)
• Package options :
    8-pin plastic DIP (DIP8-P-300-2.54) (Product name: MSA180RS)
    8-pin plastic SOP (SOP8-P-250-1.27-K) (Product name: MSA180MS-K) Chip




Similar Part No. - MSA180

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MSA1 MERITEK-MSA1 Datasheet
98Kb / 2P
Surge Absorber(Spark Gap)
logo
Carlo Gavazzi Holding A...
MSA1 CARLOGAVAZZI-MSA1 Datasheet
54Kb / 2P
Proximity Magnetic Sensors Rectangular Housing
logo
MERITEK ELECTRONICS COR...
MSA1-M MERITEK-MSA1-M Datasheet
87Kb / 1P
Surge Absorber (Spark Gap)
MSA1-MS MERITEK-MSA1-MS Datasheet
108Kb / 2P
Surge Absorber (Spark Gap)
logo
E-Tech Electronics LTD
MSA1022 ETL-MSA1022 Datasheet
78Kb / 1P
PNP RF Amplifier Transistor Surface Mount
More results


Similar Description - MSA180

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC1157 OKI-MSC1157 Datasheet
143Kb / 14P
Speaker Drive Amplifier
logo
TOKO, Inc
TK10415 TOKO-TK10415 Datasheet
53Kb / 8P
CERAMIC SPEAKER DRIVE AMPLIFIER
logo
New Japan Radio
NJU8752 NJRC-NJU8752 Datasheet
63Kb / 6P
Analog Signal Input Class D Amplifier for Piezo Speaker
logo
OKI electronic componet...
MSC1191 OKI-MSC1191 Datasheet
481Kb / 9P
DIRECT DRIVE SPEAKER AMPLIFIER
logo
KODENSHI_AUK CORP.
KK5009 KODENSHI-KK5009 Datasheet
207Kb / 3P
Speaker Amplifier
logo
Projects Unlimited, Inc...
APS4812B-LW100-R PUI-APS4812B-LW100-R Datasheet
215Kb / 1P
PIEZO SPEAKER
logo
New Japan Radio
NJW1262 NJRC-NJW1262 Datasheet
193Kb / 14P
Analog Signal Input Class-D Amplifier for Piezo Speaker with DC-DC Converter
logo
List of Unclassifed Man...
QPA3202 ETC2-QPA3202 Datasheet
1Mb / 8P
PIEZO POWER AMPLIFIER
logo
Richtek Technology Corp...
RT5508 RICHTEK-RT5508 Datasheet
2Mb / 57P
Speaker Amplifier with Speaker Protection
RT5509 RICHTEK-RT5509 Datasheet
2Mb / 58P
Speaker Amplifier with Speaker Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com