Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC1157 Datasheet (PDF) - OKI electronic componets

MSC1157 Datasheet PDF - OKI electronic componets
Part # MSC1157
Download  MSC1157 Download
File Size   143.4 Kbytes
Page   14 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Speaker Drive Amplifier

MSC1157 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSC1157 Datasheet PDF - OKI electronic componets

Part # MSC1157
Download  MSC1157 Click to download

File Size   143.4 Kbytes
Page   14 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Speaker Drive Amplifier

MSC1157 Datasheet (HTML) - OKI electronic componets


MSC1157 Product details

GENERAL DESCRIPTION
The MSC1157, designed specifically to operate at a low voltage with low current consumption, is a power amplifier developed for driving a speaker for a voice IC.
The voltage gains can be adjusted over a range of up to ten. The differential output can directly drive a speaker without any output coupling capacitors. The MSC 1157, because of its ability to stand by, is ideally suitable for portable equipment applications powered by a battery.

FEATURES
• Low voltage operation : 2.0 to 6.0 V (Single power supply)
• Low current dissipation
    Operating current : 1.6mA without load (typ.)
• Standby function : Current dissipation less than 1 mA in standby
• High output current : 350mA peak
• Differential outputs : A speaker can be directly connected between differential outputs.
• Adjustable gain : Gain can be adjusted by use of an external resistor.
• Package options:
    8-pin plastic DIP (DIP8-P-300-2.54) (Product name : MSC1157RS)
    8-pin plastic SOP (SOP8-P-250-1.27-K) (Product name : MSC1157MS-K)
    Chip




Similar Part No. - MSC1157

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MSC1150M ASI-MSC1150M Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Similar Description - MSC1157

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSA180 OKI-MSA180 Datasheet
147Kb / 17P
Piezo Speaker Amplifier
logo
TOKO, Inc
TK10415 TOKO-TK10415 Datasheet
53Kb / 8P
CERAMIC SPEAKER DRIVE AMPLIFIER
TK10416 TOKO-TK10416 Datasheet
53Kb / 8P
DYNAMIC SPEAKER DRIVE AMPLIFIER
logo
List of Unclassifed Man...
SI3000 ETC1-SI3000 Datasheet
1Mb / 36P
VOICEBAND CODEC WITH MICROPHONE/SPEAKER DRIVE
logo
OKI electronic componet...
MSC1191 OKI-MSC1191 Datasheet
481Kb / 9P
DIRECT DRIVE SPEAKER AMPLIFIER
logo
KODENSHI_AUK CORP.
KK5009 KODENSHI-KK5009 Datasheet
207Kb / 3P
Speaker Amplifier
logo
Richtek Technology Corp...
RT5508 RICHTEK-RT5508 Datasheet
2Mb / 57P
Speaker Amplifier with Speaker Protection
RT5509 RICHTEK-RT5509 Datasheet
2Mb / 58P
Speaker Amplifier with Speaker Protection
logo
SJM Prewell. All Rights...
PNH15 SJM-PNH15 Datasheet
505Kb / 12P
Drive Amplifier
logo
Skyworks Solutions Inc.
SI3000 SKYWORKS-SI3000 Datasheet
1Mb / 34P
VOICEBAND CODEC WITH MICROPHONE/SPEAKER DRIVE
Rev. 1.4 August 19, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com