Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA05679 Datasheet (PDF) - Golledge Electronics Ltd

MA05679 Datasheet PDF - Golledge Electronics Ltd
Part # MA05679
Download  MA05679 Download
File Size   248.67 Kbytes
Page   5 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description SAW Filter 1960MHz

MA05679 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA05679 Datasheet PDF - Golledge Electronics Ltd

Part # MA05679
Download  MA05679 Click to download

File Size   248.67 Kbytes
Page   5 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description SAW Filter 1960MHz

MA05679 Datasheet (HTML) - Golledge Electronics Ltd


MA05679 Product details

MAXIMUM RATING:
1. Input Power Level: 10dBm
2. DC voltage: 0V
3. Operating Temperature: -30°C to +80°C
4. Storage Temperature: -40°C to +85°C




Similar Part No. - MA05679

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA05675 GOLLEDGE-MA05675 Datasheet
144Kb / 6P
SAW Filter: 836.50MHz
MA05677 GOLLEDGE-MA05677 Datasheet
201Kb / 5P
SAW Filter 881.5MHz
MA05678 GOLLEDGE-MA05678 Datasheet
385Kb / 5P
SAW Filter 1880MHz
More results


Similar Description - MA05679

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFS1960S4 ABRACON-AFS1960S4 Datasheet
154Kb / 1P
SMD 1960MHz SAW FILTER
logo
TAI-SAW TECHNOLOGY CO.,...
TA0175A TAI-SAW-TA0175A Datasheet
430Kb / 6P
SAW Filter 1960MHz SMD 3.0 mm SQ
TA0207A TAI-SAW-TA0207A Datasheet
537Kb / 6P
SAW Filter 1960MHz SMD 2.5X2.0 mm
TA1817B TAI-SAW-TA1817B Datasheet
449Kb / 8P
SAW Rx Filter 1960MHz LTE Band 2 SMD 1411 (58.8MHz BW)
TA1870A TAI-SAW-TA1870A Datasheet
609Kb / 10P
SAW Filter 1960MHz 60MHz BW Band 2 Rx SMD 1.1x0.9 mm
logo
Golledge Electronics Lt...
MA08686 GOLLEDGE-MA08686 Datasheet
247Kb / 6P
SAW Filter 1960MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1950D TAI-SAW-TA1950D Datasheet
967Kb / 8P
SAW Rx Filter 1960MHz LTE Band 2 SMD 1109 (60MHz BW)
logo
Golledge Electronics Lt...
MA05927 GOLLEDGE-MA05927 Datasheet
339Kb / 5P
SAW Filter 1960MHz
MP03082 GOLLEDGE-MP03082 Datasheet
207Kb / 6P
SAW Filter 1960MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1870AM TAI-SAW-TA1870AM Datasheet
542Kb / 9P
SAW Filter 1960MHz 60MHz BW Band 2 Rx SMD 1.1횞0.9 mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com