Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS1960S4 Datasheet (PDF) - Abracon Corporation

AFS1960S4 Datasheet PDF - Abracon Corporation
Part # AFS1960S4
Download  AFS1960S4 Download
File Size   154.29 Kbytes
Page   1 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description SMD 1960MHz SAW FILTER

AFS1960S4 Datasheet (PDF)

Go To PDF Page Download Datasheet
AFS1960S4 Datasheet PDF - Abracon Corporation

Part # AFS1960S4
Download  AFS1960S4 Click to download

File Size   154.29 Kbytes
Page   1 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description SMD 1960MHz SAW FILTER

AFS1960S4 Datasheet (HTML) - Abracon Corporation




Similar Part No. - AFS1960S4

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFS110.592W01-TD01 ABRACON-AFS110.592W01-TD01 Datasheet
917Kb / 2P
110.592 MHz SAW Filter
09.29.11
AFS121.6W01-SS97 ABRACON-AFS121.6W01-SS97 Datasheet
150Kb / 2P
SURFACE MOUNT 121.6 MHz SAW FILTER
1.14.08
AFS1237.0W01-TS4 ABRACON-AFS1237.0W01-TS4 Datasheet
1Mb / 2P
SMD 1237 MHz SAW Filter
07.09.12
AFS14-EVAL ABRACON-AFS14-EVAL Datasheet
2Mb / 2P
AFS14 Evaluation boards are designed to provide a means to assess the performance
01.23.15
AFS1410-EVAL ABRACON-AFS1410-EVAL Datasheet
2Mb / 2P
AFS14 series SAW Filter Evaluation Board
01.23.15
More results


Similar Description - AFS1960S4

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0175A TAI-SAW-TA0175A Datasheet
430Kb / 6P
SAW Filter 1960MHz SMD 3.0 mm SQ
TA0207A TAI-SAW-TA0207A Datasheet
537Kb / 6P
SAW Filter 1960MHz SMD 2.5X2.0 mm
TA1817B TAI-SAW-TA1817B Datasheet
449Kb / 8P
SAW Rx Filter 1960MHz LTE Band 2 SMD 1411 (58.8MHz BW)
TA1870A TAI-SAW-TA1870A Datasheet
609Kb / 10P
SAW Filter 1960MHz 60MHz BW Band 2 Rx SMD 1.1x0.9 mm
logo
Golledge Electronics Lt...
MA08686 GOLLEDGE-MA08686 Datasheet
247Kb / 6P
SAW Filter 1960MHz
MA05679 GOLLEDGE-MA05679 Datasheet
248Kb / 5P
SAW Filter 1960MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1950D TAI-SAW-TA1950D Datasheet
967Kb / 8P
SAW Rx Filter 1960MHz LTE Band 2 SMD 1109 (60MHz BW)
logo
Golledge Electronics Lt...
MA05927 GOLLEDGE-MA05927 Datasheet
339Kb / 5P
SAW Filter 1960MHz
MP03082 GOLLEDGE-MP03082 Datasheet
207Kb / 6P
SAW Filter 1960MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1870AM TAI-SAW-TA1870AM Datasheet
542Kb / 9P
SAW Filter 1960MHz 60MHz BW Band 2 Rx SMD 1.1횞0.9 mm
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com